Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4805-1AKSZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4805-1AKSZ-R2
Description  0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4805-1AKSZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4805-1AKSZ-R2 Datasheet HTML 16Page - Analog Devices ADA4805-1AKSZ-R2 Datasheet HTML 17Page - Analog Devices ADA4805-1AKSZ-R2 Datasheet HTML 18Page - Analog Devices ADA4805-1AKSZ-R2 Datasheet HTML 19Page - Analog Devices ADA4805-1AKSZ-R2 Datasheet HTML 20Page - Analog Devices ADA4805-1AKSZ-R2 Datasheet HTML 21Page - Analog Devices ADA4805-1AKSZ-R2 Datasheet HTML 22Page - Analog Devices ADA4805-1AKSZ-R2 Datasheet HTML 23Page - Analog Devices ADA4805-1AKSZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
ADA4805-1/ADA4805-2
Data Sheet
Rev. B | Page 20 of 25
APPLICATIONS INFORMATION
SLEW ENHANCEMENT
The ADA4805-1/ADA4805-2 have an internal slew enhancement
circuit that increases the slew rate as the feedback error voltage
increases. This circuit allows the amplifier to settle a large step
response faster, as shown in Figure 56. This is useful in ADC
applications where multiple input signals are multiplexed. The
impact of the slew enhancement can also be seen in the large
signal frequency response, where larger input signals cause a
slight increase in peaking, as shown in Figure 57.
TIME (ns)
50
40
30
20
10
0100
90
80
70
60
VOUT =500mV p-p
–0.5
–1.0
–1.5
0.5
0
1.0
1.5
VOUT = 2V p-p
VOUT = 1V p-p
VS = ±2.5V
G = +1
RL = 2kΩ
Figure 56. Step Response with Selected Output Steps
–6
–5
–4
–3
–2
–1
0
1
2
FREQUENCY (Hz)
VS = ±2.5V
G = +1
RL = 2kΩ
VIN = 400mV p-p
VIN = 100mV p-p
VIN = 200mV p-p
100k
1M
10M
100M
VIN = 632mV p-p
VIN = 2V p-p
Figure 57. Peaking in Frequency Responses as Signal Level Changes, G = +1
EFFECT OF FEEDBACK RESISTOR ON FREQUENCY
RESPONSE
The amplifiers input capacitance and feedback resistor form a
pole that, for larger value feedback resistors, can reduce phase
margin and contribute to peaking in the frequency response.
Figure 58 shows the peaking for selected feedback resistors (RF)
when the amplifier is configured in a gain of +2. Figure 58 also
shows how peaking can be mitigated with the addition of a
small value capacitor placed across the feedback resistor of the
amplifier.
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
FREQUENCY (Hz)
100k
1M
10M
100M
RF = 1kΩ
RF = 2.6kΩ
RF = 2.6kΩ, CF = 1pF
RF = 4.99kΩ
RF = 4.99kΩ, CF = 1pF
VS = ±2.5V
G = +2
RL = 2 kΩ
VIN = 200mV p-p
Figure 58. Peaking in Frequency Response at Selected RF Values
COMPENSATING PEAKING IN LARGE SIGNAL
FREQUENCY RESPONSE
At high frequency, the slew enhancement circuit can contribute to
peaking in the large signal frequency response. Figure 58 shows the
effect of a feedback capacitor on the small signal response, whereas
Figure 59 shows that the same technique is effective for reducing
peaking in the large signal response.
–15
–12
–9
–6
–3
0
3
6
FREQUENCY (Hz)
VS = ±2.5V
G = +2
RL = 2 kΩ
VIN = 632mV p-p
RF = 2.6kΩ, CF = 0pF
RF = 1kΩ, CF = 0pF
RF = 2.6kΩ, CF = 2.7pF
RF = 1 kΩ, CF = 2 pF
100k
1M
10M
100M
Figure 59. Peaking Mitigation in Large Signal Frequency Response
DRIVING LOW POWER, HIGH RESOLUTION
SUCCESSIVE APPROXIMATION REGISTER (SAR)
ADCs
The ADA4805-1/ADA4805-2 are ideal for driving low power,
high resolution SAR ADCs. The 5.9 nV/√Hz input voltage noise
and rail-to-rail output stage of the ADA4805-1/ADA4805-2
help to minimize distortion at large output levels. With its low
power of 500 μA, the amplifier consumes power that is
compatible with low power SAR ADCs, which are usually in the
microwatt (μW) to low milliwatt (mW) range. Furthermore, the
ADA4805-1/ADA4805-2 support a single-supply configuration;
their input common-mode range extends to 0.1 V below the
negative supply, and 1 V below the positive supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com