Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30WQ03FN Datasheet(PDF) 3 Page - International Rectifier

Part # 30WQ03FN
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30WQ03FN Datasheet(HTML) 3 Page - International Rectifier

  30WQ03FN Datasheet HTML 1Page - International Rectifier 30WQ03FN Datasheet HTML 2Page - International Rectifier 30WQ03FN Datasheet HTML 3Page - International Rectifier 30WQ03FN Datasheet HTML 4Page - International Rectifier 30WQ03FN Datasheet HTML 5Page - International Rectifier 30WQ03FN Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
30WQ03FN
PD-20559 rev. B 10/98
3
www.irf.com
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance Z
thJC
Characteristics
Fig.1-Maximum Forward Voltage Drop Characteristics
0.001
0.01
0.1
1
10
100
5
1015202530
R
125°C
100°C
75°C
50°C
25°C
T = 150°C
J
Reverse Voltage - V
(V)
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t , Rectangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
1
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
12
J
DM
thJC
C
2
t
1
t
P
DM
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
10
100
0.20. 4 0.60.8
1
1.2 1.41.6
1. 8
2
2.2
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
100
1000
0
5
10
15
20
25
30
35
R
Reverse Voltage - V
(V)
T = 25°C
J



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com