Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05202G-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD05202G-SH2-R
Description  Internal soft-start limits the inrush current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05202G-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UD05202G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD05202G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD05202G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD05202G-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UD05302
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R115-004.a
PIN CONFIGURATION
1
IN1
2
LX1
3
IN2
8 FB1
7 EN1
6 FB2
5 EN2
LX2 4
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1, 3
IN1,2
Input pin. Decouple this pin to GND paddle with at least 10uF ceramic cap
2, 4
LX1,2
Inductor pin. Connect this pin to the switching node of inductor
7, 5
EN1,2
Enable control. Pull high to turn on. Do not float.
8, 6
FB1,2
Output Feedback Pin. Connect this pin to the center point of the output resistor
divider (as shown in Figure 1) to program the output voltage: VOUT=0.6*(1+R1/R2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com