Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05302G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD05302G-SH2-R
Description  Internal softstart limits the inrush current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05302G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD05302G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD05302G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD05302G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD05302G-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD05302
Advance
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R115-006.a
HIGH EFFICIENCY 1MHZ,
DUAL 3A SYNCHRONOUS
STEP DOWN REGULATOR
DESCRIPTION
The UTC UD05302 is a high-efficiency 1MHz synchronous
step-down DC-DC regulator IC capable of delivering up to 3A
output current. The UTC UD05302 operates over a wide input
voltage ranging from 3V to 5.5V and integrate main switch and
synchronous switch with very low RDS(ON) to minimize the
conduction loss.
Low output voltage ripple and small external inductor and
capacitor sizes are achieved with 1MHz switching frequency.
FEATURES
* Low RDS(ON) for internal switches (top/bottom) 110mΩ/80mΩ
* 3~5.5V input voltage range
* 1MHz switching frequency minimizes the external components
* Internal softstart limits the inrush current
* 100% dropout operation
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
UD05302G-SH2-R
HSOP-8
Tape Reel
UD05302G-SH2-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - UD05302G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05303G-SH2-R UTC-UD05303G-SH2-R Datasheet
159Kb / 4P
RoHS compliant and halogen free
More results

Similar Description - UD05302G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MJ2400 SHINDENGEN-MJ2400 Datasheet
509Kb / 13P
Inrush Current Controllers
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
AC INRUSH CURRENT LIMITER
06-Dec-2005
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
Inrush current limiters
logo
SynQor Worldwide Headqu...
MPFC-115-270-QP SYNQOR-MPFC-115-270-QP Datasheet
6Mb / 16P
Internal inrush current limit
PFCU390QPX04 SYNQOR-PFCU390QPX04 Datasheet
2Mb / 16P
Internal inrush current limit
logo
Unisonic Technologies
LR1965G-XX-SH2-R UTC-LR1965G-XX-SH2-R Datasheet
157Kb / 4P
Built-in Soft-Start Limits Inrush Current
UD05202G-SH2-R UTC-UD05202G-SH2-R Datasheet
133Kb / 4P
Internal soft-start limits the inrush current
UD05203G-SH2-R UTC-UD05203G-SH2-R Datasheet
165Kb / 4P
Internal softstart limits the inrush current
logo
STMicroelectronics
STNRGPF01 STMICROELECTRONICS-STNRGPF01 Datasheet
1Mb / 40P
Inrush current control
14-Apr-2017
logo
Shenzhen Huazhimei Semi...
HM4057E HMSEMI-HM4057E Datasheet
761Kb / 8P
Soft start, effectively limiting the inrush current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com