Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UESD4CUSB30G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UESD4CUSB30G-AF5-R
Description  Flow-Through Pin Mapping
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UESD4CUSB30G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UESD4CUSB30G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UESD4CUSB30G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UESD4CUSB30G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UESD4CUSB30G-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UESD4CUSB30
Preliminary
TVS
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R223-027.a
4-CHANNEL ESD
PROTECTION FOR
SUPER-SPEED USB 3.0
INTERFACE
DESCRIPTION
The UTC UESD4CUSB30 is 4 channel Transient Voltage
Suppressor (TVS) based Electrostatic Discharge (ESD) protection
diode arrays. The UTC UESD4CUSB30 device is rated to
dissipate ESD strikes at the maximum level specified in the IEC
61000-4-2 international standard (Contact). These devices also
offer 5A (8/20μs) peak pulse current ratings per IEC 61000-4-5
(Surge) specification.
FEATURES
* Supports USB 3.0 Data Rates (5 Gbps)
* Low Capacitance
* IEC 61000-4-2 ESD Protection (Level 4 Contact)
* IEC 61000-4-5 Surge Protection -5A (8/20µs)
* Dynamic Resistance: 0.6Ω (Typ)
* Flow-Through Pin Mapping
ORDERING INFORMATION
Ordering Number
Package
Packing
UESD4CUSB30G-AF5-R
SOT-25
Tape Reel
MARKING


Similar Part No. - UESD4CUSB30G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
UESD4C05RG-AG6-R UTC-UESD4C05RG-AG6-R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
UESD4C05RL-AG6-R UTC-UESD4C05RL-AG6-R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
UESD4C5V6C08 UTC-UESD4C5V6C08 Datasheet
175Kb / 4P
LOW CAPACITANCE ESD PROTECTION ARRAY
UESD4C5V6C08G-AE5-R UTC-UESD4C5V6C08G-AE5-R Datasheet
175Kb / 4P
LOW CAPACITANCE ESD PROTECTION ARRAY
More results

Similar Description - UESD4CUSB30G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_K7M323625M SAMSUNG-DS_K7M323625M Datasheet
211Kb / 18P
1Mx36 & 2Mx18 Flow-Through NtRAM
logo
List of Unclassifed Man...
QS3VH2861 ETC-QS3VH2861 Datasheet
65Kb / 8P
2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
8Mb SyncBurst Flow through SRAM
logo
Integrated Device Techn...
IDTQS3VH16861 IDT-IDTQS3VH16861 Datasheet
81Kb / 8P
3.3V 20-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
logo
Samsung semiconductor
K7M163635B SAMSUNG-K7M163635B Datasheet
394Kb / 19P
512Kx36 & 1Mx18 Flow-Through NtRAM
K7M323635C SAMSUNG-K7M323635C Datasheet
391Kb / 19P
1Mx36 & 2Mx18 Flow-Through NtRAM
logo
Honeywell Accelerometer...
26PCBFD2G HONEYWELL-ACC-26PCBFD2G Datasheet
238Kb / 3P
Gage Unamplified Compensated Flow-Through
logo
Integrated Device Techn...
IDTQS3VH2861 IDT-IDTQS3VH2861_14 Datasheet
276Kb / 8P
2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
IDTQS3VH16861 IDT-IDTQS3VH16861_13 Datasheet
283Kb / 8P
3.3V 20-BIT FLOW-THROUGH PIN OUT HIGH BANDWIDTH BUS SWITCH
logo
Rockchip Electronics Co...
RK3399 ROCKCHIP-RK3399 Datasheet
6Mb / 824P
Address Mapping
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com