Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGV3040L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UGV3040L-TN3-R
Description  Low Phase Noise
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UGV3040L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UGV3040L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UGV3040L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UGV3040L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UGV3040L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UGV3040
Insulated Gate Bipolar Transistor
www.unisonic.com.tw
1 of 4
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R219-011.G
300mJ, 400V N-CHANNEL
IGNITION IGBT
DESCRIPTION
The UTC UGV3040 is an N-channel ignition Insulated Gate
Bipolar Transistor. It uses UTC’s advanced technology to provide
customers with outstanding SCIS capability.
The UTC UGV3040 is suitable for Coil –On plug applications and
Automotive Ignition Coil driver circuits, etc.
FEATURES
* Outstanding SCIS capability
* Logic level gate drive
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UGV3040L-TA3-T
UGV3040G-TA3-T
TO-220
G
C
E
Tube
UGV3040L-TF3-T
UGV3040G-TF3-T
TO-220F
G
C
E
Tube
UGV3040L-TN3-R
UGV3040G-TN3-R
TO-252
G
C
E
Tape Reel
UGV3040L-TQ2-T
UGV3040G-TQ2-T
TO-263
G
C
E
Tube
UGV3040L-TQ2-R
UGV3040G-TQ2-R
TO-263
G
C
E
Tape Reel
Note: Pin Assignment: G: Gate
C: Collector
E: Emitter
UGV3040L-TA3-T
(1)Packing Type
(2)Package Type
(3)Green Package
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF3: TO-220F, TN3: TO-252
TQ2: TO-263
(3) L: Lead Free, G: Halogen Free and Lead Free
MARKING


Similar Description - UGV3040L-TN3-R

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2016SD NDK-NZ2016SD Datasheet
828Kb / 2P
Low Phase Noise Type
logo
SYNERGY MICROWAVE CORPO...
DXO720840-5 SYNERGY-DXO720840-5 Datasheet
399Kb / 3P
Low Phase Noise
OXO10-1-412 SYNERGY-OXO10-1-412 Datasheet
1Mb / 2P
Exceptionally Low Phase Noise
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
Low Phase Noise OCXO
logo
M/A-COM Technology Solu...
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
Ultra-Low Phase Noise
logo
MTRONPTI
M3027 MTRONPTI-M3027 Datasheet
233Kb / 5P
Low Phase Noise
logo
Abracon Corporation
ASTX12-ASVTX12 ABRACON-ASTX12-ASVTX12 Datasheet
2Mb / 4P
Low phase noise
01.27.2017
logo
NIHON DEMPA KOGYO
NZ2016SD NDK-NZ2016SD_18 Datasheet
915Kb / 2P
Low Phase Noise Type
NZ3225SD NDK-NZ3225SD_18 Datasheet
829Kb / 2P
Low Phase Noise Type
logo
Chengdu Xtaltq Technolo...
BT0914A XTAITQ-BT0914A Datasheet
545Kb / 3P
Low Phase Noise TCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com