Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGV3040G-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UGV3040G-TQ2-R
Description  Low Phase Noise
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UGV3040G-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UGV3040G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UGV3040G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UGV3040G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UGV3040G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UGV3040
Insulated Gate Bipolar Transistor
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R219-011.G
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Off State Characteristics
Collector to Emitter Breakdown Voltage
BVCER
IC=2mA, VGE=0V, RG=1KΩ,
TJ=-40~150°C
350
400 450
V
Collector to Emitter to Breakdown Voltage
BVCES
IC=10mA, VGE=0V, RG=0,
TJ=-40~150°C
400
450 500
V
Emitter to Collector Breakdown Voltage
BVECS
IC=-75mA, VGE=0V, TC=25°C
30
V
Gate to Emitter Breakdown Voltage
BVGES
IGES=±2mA
±12
±14
V
TC=25°C
25
µA
Collector to Emitter Leakage Current
ICER
VCER=250V,
RG=1KΩ
TC=150°C
1
mA
TC=25°C
1
mA
Emitter to Collector Leakage Current
IECS
VEC=24V
TC=150°C
40
mA
Series Gate Resistance
R1
70
Ω
Gate to Emitter Resistance
R2
10K
26K
Ω
On State Characteristics
IC=6A, VGE=4V
TC=25°C
1.25 1.60
V
IC=10A, VGE=4.5V TC=150°C
1.40 1.80
V
Collector to Emitter Saturation Voltage
VCE(SAT)
IC=15A, VGE=4.5V TC=150°C
1.90 2.20
V
Dynamic Characteristics
Gate Charge
QG(ON)
IC=10A, VCE=12V, VGE=5V
17
nC
Gate to Emitter Threshold Voltage
VGE(TH)
IC=1.0mA, VCE=VGE
1.3
2.2
V
Gate to Emitter Plateau Voltage
VGEP
IC=10A, VCE=12V
3.0
V
Switching Characteristics
Current Turn-On Delay Time-Resistive
td(ON)R
0.48
4
μs
Current Rise Time-Resistive
trR
2.1
7
μs
Current Turn-Off Delay Time-Inductive
td(OFF)L
1.4
15
μs
Current Fall Time Inductive
tfL
VCE=14V, RL=1Ω, VGE=5V,
RG=1KΩ, TJ=25°C
2.2
15
μs
Self Clamped Inductive Switching
SCIS
TJ= 25°C, L=3.0mHy, RG=1KΩ,
VGE=5V
300
mJ
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com