Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1882 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1882
Description  Programmable Video Sync Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1882 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1882 Datasheet HTML 5Page - National Semiconductor (TI) LM1882 Datasheet HTML 6Page - National Semiconductor (TI) LM1882 Datasheet HTML 7Page - National Semiconductor (TI) LM1882 Datasheet HTML 8Page - National Semiconductor (TI) LM1882 Datasheet HTML 9Page - National Semiconductor (TI) LM1882 Datasheet HTML 10Page - National Semiconductor (TI) LM1882 Datasheet HTML 11Page - National Semiconductor (TI) LM1882 Datasheet HTML 12Page - National Semiconductor (TI) LM1882 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC +0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC +0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC +0.5V
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC +0.5V
DC Output Source
or Sink Current (I
O)
±15 mA
DC V
CC or Ground Current
per Output Pin (I
CC or IGND)
±20 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
Junction Temperature (T
J)
Ceramic
175˚C
Plastic
140˚C
Recommended Operating
Conditions
Supply Voltage (V
CC)
4.5V to 5.5V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
54ACT
−55˚C to +125˚C
Minimum Input Edge Rate (
∆V/∆t)
V
IN from 0.8V to 2.0V
V
CC @ 4.5V, 5.5V
125 mV/ns
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature and output/input loading variables. National does not recom-
mend operation of FACT® circuits outside databook specifications.
DC Characteristics
For ’ACT Family Devices over Operating Temperature Range (unless otherwise specified)
LM1882
54ACT/LM1882
LM1882
V
CC
T
A = +25˚C
T
A = −55˚C
T
A = −40˚C
Symbol
Parameter
(V)
C
L = 50 pF
to +125˚C
to +85˚C
Units
Conditions
C
L = 50 pF
Typ
Guaranteed Limits
V
OH
Minimum High Level
4.5
4.49
4.4
4.4
4.4
V
I
OUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
5.4
V
(Note 2)
4.5
3.86
3.7
3.76
V
V
IN = VIL/VIH
5.5
4.86
4.7
4.76
V
I
OH = −8 mA
V
OL
Maximum Low Level
4.5
0.001
0.1
0.1
0.1
V
I
OUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
0.1
V
(Note 2)
4.5
0.36
0.5
0.44
V
V
IN = VIL/VIH
5.5
0.36
0.5
0.44
V
I
OH = +8 mA
I
OLD
Minimum Dynamic
5.5
32.0
32.0
mA
V
OLD = 1.65V
Output Current
I
OHD
Minimum Dynamic
5.5
−32.0
−32.0
mA
V
OHD = 3.85V
Output Current
I
IN
Maximum Input
5.5
±0.1
±1.0
±1.0
µA
V
I = VCC, GND
Leakage Current
I
CC
Supply Current
5.5
8.0
160
80
µA
V
IN = VCC, GND
Quiescent
I
CCT
Maximum I
CC/Input
5.5
0.6
1.6
1.5
mA
V
IN = VCC − 2.1V
Note 2: All outputs loaded; thresholds on input associated with input under test.
Note 3: Test Load 50 pF, 500
Ω to Ground.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com