Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1882-R Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1882-R
Description  Programmable Video Sync Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1882-R Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1882-R Datasheet HTML 6Page - National Semiconductor (TI) LM1882-R Datasheet HTML 7Page - National Semiconductor (TI) LM1882-R Datasheet HTML 8Page - National Semiconductor (TI) LM1882-R Datasheet HTML 9Page - National Semiconductor (TI) LM1882-R Datasheet HTML 10Page - National Semiconductor (TI) LM1882-R Datasheet HTML 11Page - National Semiconductor (TI) LM1882-R Datasheet HTML 12Page - National Semiconductor (TI) LM1882-R Datasheet HTML 13Page - National Semiconductor (TI) LM1882-R Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AC Electrical Characteristics
LM1882
54ACT/LM1882
LM1882
V
CC
T
A = +25˚C
T
A = −55˚C
T
A = −40˚C
Symbol
Parameter
(V)
C
L = 50 pF
to +125˚C
to +85˚C
Units
C
L = 50 pF
C
L = 50 pF
Min
Typ
Max
Min
Max
Min
Max
f
MAXI
Interlaced f
MAX
5.0
170
190
130
150
MHz
(HMAX/2 is ODD)
f
MAX
Non-Interlaced f
MAX
5.0
190
220
145
175
MHz
(HMAX/2 is EVEN)
t
PLH1
Clock to Any Output
5.0
4.0
13.0
15.5
3.5
19.5
3.5
18.5
ns
t
PHL1
t
PLH2
Clock to ODDEVEN
5.0
4.5
15.0
17.0
3.5
22.0
3.5
20.5
ns
t
PHL2
(Scan Mode)
t
PLH3
Load to Outputs
5.0
4.0
11.5
16.0
3.0
20.0
3.0
19.5
ns
AC Operating Requirements
LM1882
54ACT/LM1882
LM1882
Symbol
Parameter
V
CC
T
A = +25˚C
T
A = −55˚C
T
A = −40˚C
Units
(V)
to +125˚C
to +85˚C
Typ
Guaranteed Minimums
Control Setup Time
t
sc
ADDR/DATA to LOAD−
5.0
3.0
4.0
4.5
4.5
ns
t
sc
L/HBYTE to LOAD−
3.0
4.0
4.5
4.5
ns
Data Setup Time
t
sd
D7–D0 to LOAD+
5.0
2.0
4.0
4.5
4.5
ns
Control Hold Time
t
hc
LOAD− to ADDR/DATA
5.0
0
1.0
1.0
1.0
ns
LOAD− to L/HBYTE
0
1.0
1.0
1.0
ns
Data Hold Time
t
hd
LOAD+ to D7–D0
5.0
1.0
2.0
2.0
2.0
ns
t
rec
LOAD+ to CLK (Note 4)
5.0
5.5
7.0
8.0
8.0
ns
Load Pulse Width
t
wld−
LOW
5.0
3.0
5.5
5.5
5.5
ns
t
wld+
HIGH
5.0
3.0
5.0
7.5
7.5
ns
t
wclr
CLR Pulse Width HIGH
5.0
5.5
6.5
9.5
9.5
ns
t
wck
CLOCK Pulse Width
5.0
2.5
3.0
4.0
3.5
ns
(HIGH or LOW)
Note 4: Removal of Vectored Reset or Restart to Clock.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
7.0
pF
V
CC = 5.0V
C
PD
Power Dissipation
17.0
pF
V
CC = 5.0V
Capacitance
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com