Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS82C55A Datasheet(PDF) 14 Page - Harris Corporation

Part # CS82C55A
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CS82C55A Datasheet(HTML) 14 Page - Harris Corporation

Back Button CS82C55A Datasheet HTML 10Page - Harris Corporation CS82C55A Datasheet HTML 11Page - Harris Corporation CS82C55A Datasheet HTML 12Page - Harris Corporation CS82C55A Datasheet HTML 13Page - Harris Corporation CS82C55A Datasheet HTML 14Page - Harris Corporation CS82C55A Datasheet HTML 15Page - Harris Corporation CS82C55A Datasheet HTML 16Page - Harris Corporation CS82C55A Datasheet HTML 17Page - Harris Corporation CS82C55A Datasheet HTML 18Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
Reading Port C Status (Figures 15 and 16)
In Mode 0, Port C transfers data to or from the peripheral
device. When the 82C55A is programmed to function in
Modes 1 or 2, Port C generates or accepts “hand shaking”
signals with the peripheral device. Reading the contents of
Port C allows the programmer to test or verify the “status” of
each peripheral device and change the program flow
accordingly.
There is not special instruction to read the status information
from Port C. A normal read operation of Port C is executed to
perform this function.
Applications of the 82C55A
The 82C55A is a very powerful tool for interfacing peripheral
equipment to the microcomputer system. It represents the
optimum use of available pins and flexible enough to inter-
face almost any I/O device without the need for additional
external logic.
Each peripheral device in a microcomputer system usually
has a “service routine” associated with it. The routine
manages the software interface between the device and the
CPU. The functional definition of the 82C55A is programmed
by the I/O service routine and becomes an extension of the
system software. By examining the I/O devices interface
characteristics for both data transfer and timing, and
matching this information to the examples and tables in the
detailed operational description, a control word can easily be
developed to initialize the 82C55A to exactly “fit” the
application. Figures 18 through 24 present a few examples
of typical applications of the 82C55A.
INTERRUPT
ENABLE FLAG
POSITION
ALTERNATE PORT C
PIN SIGNAL (MODE)
INTE B
PC2
ACKB (Output Mode 1)
or STBB (Input Mode 1)
INTE A2
PC4
STBA (Input Mode 1 or
Mode 2)
INTE A1
PC6
ACKA (Output Mode 1 or
Mode 2)
FIGURE 17. INTERRUPT ENABLE FLAGS IN MODES 1 AND 2
FIGURE 18. PRINTER INTERFACE
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PC7
PC6
PC5
PC4
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PC1
PC2
DATA READY
ACK
PAPER FEED
FORWARD/REV.
DATA READY
ACK
PAPER FEED
FORWARD/REV.
RIBBON
CARRIAGE SEN.
MODE 1
(OUTPUT)
82C55A
MODE 1
(OUTPUT)
CONTROL LOGIC
AND DRIVERS
INTERRUPT
REQUEST
PC0
INTERRUPT
REQUEST
PC3
HAMMER
RELAYS
HIGH SPEED
PRINTER
82C55A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com