Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP2210 Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KP2210
Description  6PIN PHOTOTRANSISTOR PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP2210 Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KP2210_15 Datasheet HTML 1Page - COSMO  Electronics Corporation KP2210_15 Datasheet HTML 2Page - COSMO  Electronics Corporation KP2210_15 Datasheet HTML 3Page - COSMO  Electronics Corporation KP2210_15 Datasheet HTML 4Page - COSMO  Electronics Corporation KP2210_15 Datasheet HTML 5Page - COSMO  Electronics Corporation KP2210_15 Datasheet HTML 6Page - COSMO  Electronics Corporation KP2210_15 Datasheet HTML 7Page - COSMO  Electronics Corporation KP2210_15 Datasheet HTML 8Page - COSMO  Electronics Corporation KP2210_15 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P01003.2
- 2 -
http://www.cosmo-ic.com
cosmo
KP2210 Series
6PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Outside Dimension
Unit : mm
K P 2 2 1 0
K P 2 2 1 0 S
K P 2 2 1 0 H
K P 2 2 1 0 L
T O LE R A N C E : ± 0 .2 m m
6.50
7.62
0.25
o
13.00
2.54
o
13.00
7.30
1.20
5.08
0.50
7.30
10.00±0.4
1.00
6.50
7 .62
0
~10°
1.20
2.54
2. 54
7 .3 0
1 .20
0 .50
2. 54
5. 08
6.50
7. 62
0.25
10.16±0.50
0
~ 10°
6.50
7.62
10.16
0.9 0±0.25
0.90±0.25
11.80+0.2
-0.5
7.30
5.08
1. 20
2 .54
1 .D u a l-in -lin e typ e .
2 .S u rfa ce m o u n t typ e .
3 .L o n g cre e p a g e d ista n ce typ e
4 .L o n g cre e p a g e d ista n ce
fo r su rfa ce m o u n t typ e .
Device Marking
Notes:
cosmo
2210
YWW
Y: Year code / WW: Week code
cosmo
2210
YWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com