Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI7318 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI7318
Description  HIGH CURRENT SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI7318 Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI7318 Datasheet HTML 1Page - Abracon Corporation ASPI7318 Datasheet HTML 2Page - Abracon Corporation ASPI7318 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTIONS AND PART IDENTIFICATION
7.3 x 6.8 x 3.0 mm
ASPI-7318
RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 10.11.12
Visit www.abracon.com for Terms & Conditions of Sale
HIGH CURRENT SHIELDED POWER INDUCTOR
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
ASPI-7318-
-
*N for L = 0.1 ~ 0.22µH
*M for L = 0.33 ~ 22µH
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T: Tape and Reel
(1,000pcs / reel)
Tolerance
M: ±20% *
N: ±30% *
INDUCTANCE AND TEMPERATURE CURVE
Recommended Land Pattern
Dimension: mm
OUTLINE DRAWING:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com