Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-7318-R56 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-7318-R56
Description  HIGH CURRENT SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-7318-R56 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-7318-R56 Datasheet HTML 1Page - Abracon Corporation ASPI-7318-R56 Datasheet HTML 2Page - Abracon Corporation ASPI-7318-R56 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7.3 x 6.8 x 3.0 mm
ASPI-7318
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 10.11.12
Visit www.abracon.com for Terms & Conditions of Sale
HIGH CURRENT SHIELDED POWER INDUCTOR
FEATURES:
APPLICATIONS:
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
Abracon P/N:
ASPI-7318-xxx
Operating Temperature :
-55ºC to +125ºC
Storage Temperature
• 100%lead (Pb) free.
• Lowest DCR/uH, in this package size.
• Frequency range up to 5.0MHz
• Handles high transient current spikes without saturation
• Ultra low buzz noise, due to composite construction.
• Notebook/Desktop/Server applications.
• Low profile, high current power supplies.
• Battery powered devices.
• DC/DC converter for Field Programmable
• Gate Array(FPGA)
Part Number
L
Tolerance
RDC Max
Isat Typ
Irms Typ
ASPI-7318-
Inductance Code
(µH)
(M, N)
mΩ
(A)
(A)
ASPI-7318-R10
0.10
N
1.7
50
30
ASPI-7318-R15
0.15
N
2.5
45
26
ASPI-7318-R20
0.20
N
3.0
41
24
ASPI-7318-R22
0.22
N
3.1
34
22
ASPI-7318-R33
0.33
M
3.9
28
20
ASPI-7318-R47
0.47
M
4.2
24
17.5
ASPI-7318-R56
0.56
M
5.3
23
15.5
ASPI-7318-R68
0.68
M
5.5
22
15.5
ASPI-7318-R82
0.82
M
8.0
19
13
ASPI-7318-1R0
1.0
M
10.0
17
11
ASPI-7318-1R5
1.5
M
15
15
9
ASPI-7318-2R2
2.2
M
20
12
8
ASPI-7318-2R5
2.5
M
22
11
8
ASPI-7318-3R3
3.3
M
30
10
6
ASPI-7318-4R7
4.7
M
40
8
5
ASPI-7318-5R6
5.6
M
54
7.5
5
ASPI-7318-6R8
6.8
M
60
7
4.5
ASPI-7318-8R2
8.2
M
68
6
4
ASPI-7318-100
10.0
M
105
5.5
3
ASPI-7318-220
22.0
M
230
3
2
Test Conditions
1. Inductance tested at 200kHz, 0.25V, 0A; Tolerance M=±20%; N=±30%
2. All test data is in reference to 25°C ambient.
3. Isat will cause the inductance value to drop approximately 20%
4. Irms will cause an approximate ΔT of 40°C
5. The part temperature (ambient + temp. rise) should not exceed 125°C under worst case operating
conditions. Circuit design, component placement, PWB trace size and thickness, airflow and other
cooling provisions all affect the part temperature. Part temperature should be verified in the end
application.
6. Please contact Abracon for the availability of other inductance values.
Less than +25˚C, Humidity<75% RH.
MSL Level:1


Similar Part No. - ASPI-7318-R56

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-7318-R10 ABRACON-ASPI-7318-R10 Datasheet
67Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-7318-R15 ABRACON-ASPI-7318-R15 Datasheet
67Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-7318-R22 ABRACON-ASPI-7318-R22 Datasheet
67Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-7318-R33 ABRACON-ASPI-7318-R33 Datasheet
67Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-7318-R47 ABRACON-ASPI-7318-R47 Datasheet
67Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
More results

Similar Description - ASPI-7318-R56

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-6P-XXX ABRACON-ASPI-6P-XXX Datasheet
180Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-4118-XXX ABRACON-ASPI-4118-XXX Datasheet
70Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-5123-XXX ABRACON-ASPI-5123-XXX Datasheet
73Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-7318 ABRACON-ASPI-7318 Datasheet
67Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
logo
Accetek Electronics (Sh...
1MT ACCETEK-1MT Datasheet
306Kb / 8P
High Current Shielded Power Inductor
logo
Central Technologies
CTHFW2014F CT-CTHFW2014F Datasheet
512Kb / 2P
SMD High Current Power Inductor - Shielded
CTHFW2915F CT-CTHFW2915F Datasheet
516Kb / 2P
SMD High Current Power Inductor - Shielded
CTHFW2918F CT-CTHFW2918F Datasheet
525Kb / 2P
SMD High Current Power Inductor - Shielded
CTQFW4228F CT-CTQFW4228F Datasheet
388Kb / 2P
High Current Power Inductor-Shielded
REV 08.14.19
CTVFW2724F CT-CTVFW2724F Datasheet
435Kb / 2P
High Current Power Inductor-Shielded
REV 08.14.19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com