Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F06 Datasheet(PDF) 2 Page - XP Power Limited

Part # F06
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

F06 Datasheet(HTML) 2 Page - XP Power Limited

  F06 Datasheet HTML 1Page - XP Power Limited F06 Datasheet HTML 2Page - XP Power Limited F06 Datasheet HTML 3Page - XP Power Limited F06 Datasheet HTML 4Page - XP Power Limited F06 Datasheet HTML 5Page - XP Power Limited F06 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODELS
INPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE*4
REVERSIBLE
MODEL
OUTPUT
VOLTAGE
DUAL OUTPUT
(CENTER TAP)
MODEL
OUTPUT
VOLTAGE
F02/F02CT
0 to 12V
50mA
<1.0%
F02
0 to 200V
F02CT
0 to +/- 100V
F03/F03CT
0 to 12V
33.3mA
<1.0%
F03
0 to 300V
F03CT
0 to +/- 150V
F04/F04CT
0 to 12V
25mA
<1.0%
F04
0 to 400V
F04CT
0 to +/- 200V
F05/F05CT
0 to 12V
20mA
<0.1%
F05
0 to 500V
F05CT
0 to +/- 250V
F06/F06CT
0 to 12V
16mA
<0.1%
F06
0 to 600V
F06CT
0 to +/- 300V
F08/F08CT
0 to 12V
12.5mA
<0.1%
F08
0 to 800V
F08CT
0 to +/- 400V
F10/F10CT
0 to 12V
10mA
<0.1%
F10
0 to 1kV
F10CT
0 to +/- 500V
F12/F12CT
0 to 12V
8.3mA
<0.1%
F12
0 to 1.2kV
F12CT
0 to +/- 600V
F15/F15CT
0 to 12V
6.6mA
<0.1%
F15
0 to 1.5kV
F15CT
0 to +/- 750V
F20/F20CT
0 to 12V
5mA
<1.0%
F20
0 to 2kV
F20CT
0 to +/- 1kV
F30/F30CT
0 to 15V
3.3mA
<1.0%
F30
0 to 3kV
F30CT
0 to +/- 1.5kV
F40/F40CT
0 to 15V
2.5mA
<1.0%
F40
0 to 4kV
F40CT
0 to +/- 2kV
F50/F50CT
0 to 15V
2mA
<1.0%
F50
0 to 5kV
F50CT
0 to +/- 2.5kV
F60/F60CT
0 to 15V
1.66mA
<1.0%
F60
0 to 6kV
F60CT
0 to +/- 3kV
F70/F70CT
0 to 15V
1.5mA
<2.5%
F70
0 to 7kV
F70CT
0 to +/- 3.5kV
F80/F80CT
0 to 15V
1.25mA
<2.5%
F80
0 to 8kV
F80CT
0 to +/- 4kV
4722AV03
PAGE 2
WWW.XPPOWER.COM
F SERIES
ELECTRICAL SPECIFICATIONS*
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com