Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1008-R082 Datasheet(PDF) 4 Page - Abracon Corporation

Part # AISC-1008-R082
Description  Wire Wound Inductor - Ceramic Or Ferrite Base
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1008-R082 Datasheet(HTML) 4 Page - Abracon Corporation

  AISC-1008-R082 Datasheet HTML 1Page - Abracon Corporation AISC-1008-R082 Datasheet HTML 2Page - Abracon Corporation AISC-1008-R082 Datasheet HTML 3Page - Abracon Corporation AISC-1008-R082 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wire Wound Inductor - Ceramic Or Ferrite Base
||||||||| | | | | | |
AISC-1008(F)
2.92 x 2.79 x 2.29m m
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 :2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
Revised: 09.17.13
Pb RoHS/RoHS II Compliant
Materials
No.
Components
Material
A
Coating
Ultraviolet epoxy resin
B
Core
Ceramic
C
Wire
Polyurethane system enameled copper wire
D
Electrodes
AISC-1008: Mo-Mn with Ni and Au plating
AISC-1008F: Ag-Pd with Ni-Sn plating
1~2 oC/sec. Ramp
Pre-heating: 150~190oC /90±30 sec.
Time above 240 oC: 20~40sec
Peak temperature: 260 oC Max./10sec;
Solder paste: Sn/3.0Ag/0.5Cu
Max.2 times for Re-flowing
REFLOW PROFILE:
A
P
B
K Max
T
2.73±0.2
4.0±0.1
2.90±0.2
2.34±0.2
0.23±0.1
4.0±0.1
50
Φ1.5(+0.1/ -0)
P
2.0±0.1
A
T
K
5.0 ±0.1
3.0 ±0.1
4.0±0.1
10±1.5
2.45 ±0.2
TAPE & REEL:
ATTENTION:Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automo-
tive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requir-
ing high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
∆
∆
∆
∆
∆
∆
2kpcs /Reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com