Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G06 Datasheet(PDF) 8 Page - XP Power Limited

Part # G06
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

G06 Datasheet(HTML) 8 Page - XP Power Limited

Back Button G06 Datasheet HTML 2Page - XP Power Limited G06 Datasheet HTML 3Page - XP Power Limited G06 Datasheet HTML 4Page - XP Power Limited G06 Datasheet HTML 5Page - XP Power Limited G06 Datasheet HTML 6Page - XP Power Limited G06 Datasheet HTML 7Page - XP Power Limited G06 Datasheet HTML 8Page - XP Power Limited G06 Datasheet HTML 9Page - XP Power Limited G06 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4726BH01
PAGE 8
WWW.XPPOWER.COM
G SERIES – ACCESSORY
2.40
(60.96)
1.60
(40.64)
0.80
(20.32)
0.300
(7.62)
2.000
(50.80)
0.31
(7.87)
0.68
(17.27)
0.40
(10.16)
0.20
(5.08)
1.60
(40.64)
0.300
(7.62)
Ø
0.140 (3.56) THRU
2 PLACES
4-40 SOLDERABLE
GROUNDING STUD
2 PLACES
HIGH
VOLTAGE
The “AB” Series provides low cost EMI/RFI shielding and rugged
mounting for XP EMCO High Voltage DC to DC converters. These
five-sided aluminum enclosures feature a durable, non-conductive
black anodized finish. The enclosures are manufactured at our own
sheet metal fabrication facility, which allows for low cost and stock
delivery. Add an “AB” suffix to the model number for a factory-installed
enclosure (e.g. E10AB). Contact our sales department by phone, fax
or email for immediate attention.
On models with outputs of 3kV or higher, special care must be taken
to ensure adequate spacing and insulation between the metal can
and the high voltage output. Single sided layout, encapsulants or
conformal coating may be required.
Case grounding stud must be connected to ground. Case ground is
not internally connected to (-) input.
SHIELD DESCRIPTION
APPLICATION INFORMATION
PARAMETER
VALUE
BOX SIZE
See Table
MATERIAL
0.03 (0.76mm) Aluminum
MOUNTING
Two Tabs With Thru-Holes
PARAMETER
VALUE
GROUND
Black Anodized Aluminum
DIMENSIONS WITH TAB
2.4L (60.96) x 1.6W (40.64) x 0.68H (17.27)
DIMENSIONS
WITHOUT TAB
1.6L (40.64) x 1.6W (40.64) x 0.68H (17.27)
EXTERNAL EMI/RFI SHIELD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com