Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP08 Datasheet(PDF) 4 Page - XP Power Limited

Part # GP08
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GP08 Datasheet(HTML) 4 Page - XP Power Limited

  GP08 Datasheet HTML 1Page - XP Power Limited GP08 Datasheet HTML 2Page - XP Power Limited GP08 Datasheet HTML 3Page - XP Power Limited GP08 Datasheet HTML 4Page - XP Power Limited GP08 Datasheet HTML 5Page - XP Power Limited GP08 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4728X01
PAGE 4
WWW.XPPOWER.COM
PIN #
FUNCTION
1
(+) Input
2
(-) Input
3
(+) Output
4
(-) Output
PARAMETER
VALUE
WEIGHT
Weight: 1.40 OZ (40 Grams)
VOLUME
1.4 cubic Inches (23 cubic centimeters)
DIMENSIONS
1.5L (38.1L) x 1.5W (38.1L) x 0.63H (16.0H)
CASE MATERIAL
Diallyl Phthalate (DAP)
GP01 thru GP60 MECHANICAL SPECIFICAIONS
GP SERIES
TOP VIEW
1.50
(38.10)
1.50
(38.10)
0.031
(0.79)
Ø
PC PIN
4 PLACES
0.63
(16.00)
0.15
(3.81)
1.200
(30.48)
0.15
(3.81)
1.200
(30.48)
1
2
4
3
RECOMMENDED
HOLE & PAD O.D. SIZE:
Ø
0.052 (1.32 )& Ø0.082 (2.08 )
4 PLACES
0.20
(5.08)
RECOMMENDED
PCB LAYOUT
TOP VIEW
0.800
(20.32)
0.35
(8.89)
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com