Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC0324S15 Datasheet(PDF) 2 Page - XP Power Limited

Part # ISC0324S15
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISC0324S15 Datasheet(HTML) 2 Page - XP Power Limited

  ISC0324S15 Datasheet HTML 1Page - XP Power Limited ISC0324S15 Datasheet HTML 2Page - XP Power Limited ISC0324S15 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISC03 Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3.3
30
VDC
See Models and Ratings table
Initial Set Accuracy
±2
%
Output Voltage Balance
±1.0
±2.0
%
For dual output with balanced laods
Minimum Load
15
%
See Models and Ratings table
Line Regulation
±0.5
±1.0
%
Load Regulation
±0.5
±1.2
%
15% to 100%
Cross Regulation
±5
%
On dual output models when one load is varied between
25% and 100% and other is fixed at 100%
Transient Response
3
% deviation
Recovery within 1% in less than 600 µs for a 25% load
change.
Ripple & Noise
100
mV pk-pk
20 MHz bandwidth. Measured using 0.47 µF ceramic
capacitor.
Overload Protection
110
150
%
Foldback
Short Circuit Protection
Continuous, with auto recovery
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.02
%/ ˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
9
36
VDC
24 V nominal
18
75
VDC
48 V nominal
Input Filter
Pi type
Input Reflected Ripple
20
mA pk-pk
Through 12 µH inductor and 47 µF capacitor
Input Surge
50
VDC for 1 s
24 V models
100
VDC for 1 s
48 V models
Undervoltage Lockout
ON at >4.5 V, OFF at <8 V
24 V models
ON at >8.5 V, OFF at <16 V
48 V models
Remote On/Off
ON: Logic high (2.5 - 5.5 V) or open circuit
OFF: Logic low (<0.8 V) or short pin 1 to pin 2
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
80
%
See Models and Ratings table
Isolation: Input to Output
1500/1800
VDC
60 s/1 s
Isolation Resistance
109
Ω
At 500 VDC
Isolation Capacitance
350
500
pF
Switching Frequency
350
kHz
Power Density
7.5
W/in3
Mean Time Between Failure
300
kHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.01 (4.2)
lb (g)
Moisture Sensitivity Level
Level 2
IPC/JEDEC J-STD-020D.1
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+100
°C
See Derating Curve.
Storage Temperature
-50
+125
°C
Case Temperature
+105
°C
Humidity
95
%RH
Non-condensing
Cooling
Natural convection
Case Flammability
UL 94V-0 Rated
Non conductive black plastic
Lead-Free Reflow Solder Process
IPC/JEDEC J-STD-020D.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com