Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC0324D15 Datasheet(PDF) 3 Page - XP Power Limited

Part # ISC0324D15
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISC0324D15 Datasheet(HTML) 3 Page - XP Power Limited

  ISC0324D15 Datasheet HTML 1Page - XP Power Limited ISC0324D15 Datasheet HTML 2Page - XP Power Limited ISC0324D15 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ISC03 Series
www.xppower.com
DC-DC Converter
3
19 Jan 16
1610 9
17 8
2
0.1 S
S SEATING
PLANE
Top View
0.60 (15.24)
0.10
(2.54)
0.04
(1.00)
0.31
(8.00)
0.11
(2.90)
0.01
(0.25)
0.32±0.02
(8.25±0.5)
0.12
(3.11)
0.94 (24.00)
0.10 (2.54)
0.06 (1.60)
0.70 (17.78)
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class A
1. All dimensions are in inches (mm)
2. Weight: 0.01 lbs (4.2 g) approx.
3. Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
4. Pin Tolerance: ±0.002 (±0.05)
Notes
Pin Connections
Pin
Single
Dual
1
-Vin
-Vin
2
Remote On/Off
Remote On/Off
7
No Connection
No Connection
8
No Connection
Common
9
+Vout
+Vout
10
-Vout
-Vout
16
+Vin
+Vin
Mechanical Details
Application Notes
55 °C for ISC03xxS3V3 & S05
60 °C for all other models
-40
0
100
100
A
A
Derating Curve
Connecting Pin Pattern
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
CB
IEC60950-1
ITE
UL
UL/cUL60950-1
ITE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com