Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4843 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4843
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4843 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4843 Datasheet HTML 11Page - National Semiconductor (TI) LM4843 Datasheet HTML 12Page - National Semiconductor (TI) LM4843 Datasheet HTML 13Page - National Semiconductor (TI) LM4843 Datasheet HTML 14Page - National Semiconductor (TI) LM4843 Datasheet HTML 15Page - National Semiconductor (TI) LM4843 Datasheet HTML 16Page - National Semiconductor (TI) LM4843 Datasheet HTML 17Page - National Semiconductor (TI) LM4843 Datasheet HTML 18Page - National Semiconductor (TI) LM4843 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Analog Audio LM4843 MSOP Eval Board
Assembly Part Number: 980011373-100
Revision: A
Bill of Material
Item
Part Number
Part Description
Qty
Ref Designator
Remark
1
551011373-001
LM4843 Eval Board PCB etch 001
1
10
482911373-001
LM4843 MSOP
1
25
152911368-001
Tant Cap 0.1µF 10V 10% Size = A 3216
2
C2, C3
26
152911368-002
Tant Cap 0.33µF 10V 10% Size = A 3216
3
C
inA, CinB
27
152911368-003
Tant Cap 1µF 16V 10% Size = A 3216
1
C
BYP
28
152911368-004
Tant Cap 10µF 10V 10% Size = C 6032
1
C1
31
472911368-002
Res 20K Ohm 1/8W 1% 1206
4
R
inA, RinB, RFA,RFB
40
131911368-001
Stereo Headphone Jack W/ Switch
1
Mouser #
41
131911368-002
Slide Switch
2
SD, Mute
Mouser # 10SP003
42
131911368-003
Potentiometer
1
Volume Control
Mouser # 317-2090-100K
43
131911368-004
RCA Jack
2
In A, In B
Mouser # 16PJ097
44
131911368-005
Banana Jack, Black
3
A
out-,Bout-, GND
Mouser # ME164-6219
45
131911368-006
Banana Jack, Red
3
A
out+,Bou+,VDD
Mouser # ME164-6218
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com