Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LW080-33TC Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT49LW080-33TC
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080-33TC Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT49LW080-33TC Datasheet HTML 17Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 18Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 19Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 20Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 21Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 22Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 23Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 24Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
AT49LW080/040
1966C–FLASH–03/02
A/A Mux Interface
The following information applies
only to the AT49LW040/080 when in A/A Mux Mode.
Information on FWH Mode (the standard operating mode) is detailed earlier in this docu-
ment. Electrical characteristics in A/A Mux Mode are provided on pages starting from
page 27.
The AT49LW040/080 is designed to offer a parallel programming mode for faster factory
programming. This mode, called A/A Mux Mode, is selected by having this IC pin high.
The IC pin is pulled down internally in the AT49LW040/080, so a modest current should
be expected to be drawn (see Table 1 on page 3 for further information). Four control
pins dictate data flow in and out of the component: R/C,OE,WE,and RST.R/C is the
A/A Mux control pin used to latch row and column addresses. OE is the data output con-
trol pin (I/O0 - I/O7), drives the selected memory data onto the I/O bus, when active WE
and RST must be at VIH.
BUS OPERATION: All A/A Mux bus cycles can be conformed to operate on most auto-
mated test equipment and PROM programmers.
Notes:
1. When VPP ≤ VPPLK, the memory contents can be read, but not altered.
2. X can be VIL or VIH for control and address input pins and VPPLK or VPPH1/2 for the VPP
supply pin. See the “DC Characteristics” for VPPLK and VPPH1/2 voltages.
3. See Table 12 on page 18 for Product ID Entry data and addresses.
4. Command writes involving sector erase or program are reliably executed when V
PP =
V
PPH1/2 and VCC =VCC ±0.3V.
5. Refer to “A/A Mux Read-only Operations” for valid DIN during a write operation.
6. VIH and VIL refer to the DC characteristics associated with Flash memory output buff-
ers: VIL min = 0.5V, VIL max = 0.8V, VIH min = 2.0V, VIH max = VCC +0.5V.
OUTPUT DISABLE/ENABLE: With OE at a logic-high level (V
IH), the device outputs are
disabled. Output pins I/O0 - I/O7 are placed in the high-impedance state. With OE at a
logic-low level (V
IL), the device outputs are enabled. Output pins I/O0 - I/O7 are placed
in a output-drive state.
ROW/COLUMN ADDRESSES: R/C is the A/A Mux control pin used to latch row (A0 -
A10) and column addresses (A11 - A18) [AT49LW040], or (A11 - A19) [AT49LW080].
R/C latches row addresses on the falling edge and column addresses on the rising
edge.
RDY/BUSY: An open drain Ready/Busy output pin provides a hardware method of
detecting the end of a program or erase operation. RDY/Busy is actively pulled low dur-
ing the internal program and erase cycles and is released at the completion of the cycle.
Bus Operations
Mode
RST
OE
WE
Address
V
PP
I/O0 - I/O7
Read
(1)(2)(6)
V
IH
V
IL
V
IH
XX
D
OUT
Output Disable
(6)
VIH
VIH
VIH
X
X
High-Z
Product ID Entry
(6)
VIH
VIL
VIH
(3)
XNote 3
Write
(4)(5)(6)
VIH
VIH
VIL
XX
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com