Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5088L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT5088L
Description  Low Noise Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5088L Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT5088L Datasheet HTML 1Page - ON Semiconductor MMBT5088L Datasheet HTML 2Page - ON Semiconductor MMBT5088L Datasheet HTML 3Page - ON Semiconductor MMBT5088L Datasheet HTML 4Page - ON Semiconductor MMBT5088L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBT5088L, MMBT5089L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
MMBT5088L
MMBT5089L
V(BR)CEO
30
25
−
−
Vdc
Collector − Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
MMBT5088L
MMBT5089L
V(BR)CBO
35
30
−
−
Vdc
Collector Cutoff Current
(VCB = 20 Vdc, IE = 0)
MMBT5088L
(VCB = 15 Vdc, IE = 0)
MMBT5089L
ICBO
−
−
50
50
nAdc
Emitter Cutoff Current
(VEB(off) = 3.0 Vdc, IC = 0)
MMBT5088L
(VEB(off) = 4.5 Vdc, IC = 0)
MMBT5089L
IEBO
−
−
50
100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mAdc, VCE = 5.0 Vdc)
MMBT5088L
MMBT5089L
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
MMBT5088L
MMBT5089L
(IC = 10 mAdc, VCE = 5.0 Vdc)
MMBT5088L
MMBT5089L
hFE
300
400
350
450
300
400
900
1200
−
−
−
−
−
Collector − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VCE(sat)
−
0.5
Vdc
Base − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VBE(sat)
−
0.8
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current − Gain — Bandwidth Product
(IC = 500 mAdc, VCE = 5.0 Vdc, f = 20 MHz)
fT
50
−
MHz
Collector−Base Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz emitter guarded)
Ccb
−
4.0
pF
Emitter−Base Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz collector guarded)
Ceb
−
10
pF
Small Signal Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz)
MMBT5088L
MMBT5089L
hfe
350
450
1400
1800
−
Noise Figure
(IC = 100 mAdc, VCE = 5.0 Vdc, RS = 10 kW, f = 1.0 kHz)
MMBT5088L
MMBT5089L
NF
−
−
3.0
2.0
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com