Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFC51 Datasheet(PDF) 2 Page - Seme LAB

Part # BFC51
Description  4TH GENERATION MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFC51 Datasheet(HTML) 2 Page - Seme LAB

  BFC51 Datasheet HTML 1Page - Seme LAB BFC51 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BFC51
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
16
64
1.3
148
296
592
2.2
4.4
8.8
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/94
IS
ISM
VSD
trr
Qrr
(Body Diode)
(Body Diode)
VGS = 0V , IS = – ID [Cont.]
IS = – ID [Cont.] , dls / dt = 100A/µs
Continuous Source Current
Pulsed Source Current1
Diode Forward Voltage2
Reverse Recovery Time
Reverse Recovery Charge
A
V
ns
µC
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
240
240
64
SOA1
SOA2
ILM
Safe Operating Area
Safe Operating Area
Inductive Current Clamped
W
W
A
Characteristic
Min.
Typ.
Max. Unit
0.51
40
RθJC
RθJA
Junction to Case
Junction to Ambient
°C/W
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE RATINGS AND CHARACTERISTICS
SAFE OPERATING AREA CHARACTERISTICS
THERMAL CHARACTERISTICS
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Pulse Test: Pulse Width < 380
µS , Duty Cycle < 2%
3) See MIL–STD–750 Method 3471
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge3
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VGS = 0V
VDS = 25V
f = 1MHz
VGS = 10V
VDD = 0.5 VDSS
ID = ID [Cont.] @ 25°C
VGS = 15V
VDD = 0.5 VDSS
ID = ID [Cont.] @ 25°C
RG = 1.8Ω
pF
nC
ns
1430
1800
330
465
130
200
64
105
8.7
12
34
51
12
24
21
42
51
77
27
54
LAB
SEME
CAUTION — Electrostatic Sensitive Devices. Anti-Static Procedures Must Be Followed.
VDS = 0.4VDSS , t = 1 Sec.
IDS = PD / 0.4VDSS
VDS = PD / ID [Cont.]
IDS = ID [Cont.] , t = 1 Sec.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com