Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHV507-19-R Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MHV507-19-R
Description  Silicon Hyperabrupt Varactor Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MHV507-19-R Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MHV507-19-R Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MHV507-19-R Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MHV507-19-R Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MHV507-19-R Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Silicon Hyperabrupt Varactor Diode
Rev. V1
MHV507-19-1
Features
 High Capacitance Ratio: 3 Minimum
 High Quality Factor: 1500 Typical
 Compact Surface Mount Package
 Ultra-thin Termination Plating to Combat
Embrittlement
 RoHS* Compliant
Description
The
MHV507-19-1
silicon
hyperabrupt
tuning
varactor
offers
a
large
change
in
junction
capacitance over a small tuning voltage range. It is a
mesa device with an epitaxial-deposited cathode
layer for low series resistance and high quality
factor. The die is passivated with a high-reliability
glass passivation for very fast settling time. This
varactor
diode
is
packaged
in
an
epoxy-
encapsulated surface mount package.
The MHV507-19-1 is ideally suited for voltage
controlled filters, analog voltage controlled phase
shifters and voltage controlled oscillators.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications: TA = +25°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Breakdown Voltage (VB)
IR = 10 µA
V
22
Reverse Leakage Current (IR)
VR = 20 V
nA
50
Total Capacitance (CT)
VR = 0 V, 1 MHz
VR = 4 V, 1 MHz
VR = 20 V, 1 MHz
pF
9.20
3.20
0.75
10.2
3.5
1.0
11.2
3.8
1.4
Capacitance Ratio
VR = 4 V to VR = 20 V, 1 MHz
Ratio
3.0
5.5
Quality Factor (Q4)
VR = 4 V, 50 MHz
1500
Absolute Maximum Ratings
Parameter
Absolute Maximum
Reverse DC Voltage
22 V
Forward DC Current
50 mA
Assembly Temperature
+260°C, 10 seconds
Operating Temperature
-55°C to +85°C
Storage Temperature
-55°C to +100°C
Ordering Information
Part Number
Package
MHV507-19-1-W
100 piece waffle pack
MHV507-19-R
3000 piece reel


Similar Part No. - MHV507-19-R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHV5IC1810N FREESCALE-MHV5IC1810N Datasheet
1Mb / 17P
RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC1810N NXP-MHV5IC1810N Datasheet
1Mb / 17P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 1, 3/2011
logo
Freescale Semiconductor...
MHV5IC1810NR2 FREESCALE-MHV5IC1810NR2 Datasheet
411Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC1810NR2 NXP-MHV5IC1810NR2 Datasheet
1Mb / 17P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 1, 3/2011
logo
Freescale Semiconductor...
MHV5IC1810N FREESCALE-MHV5IC1810N_11 Datasheet
1Mb / 17P
RF LDMOS Wideband Integrated Power Amplifier
More results

Similar Description - MHV507-19-R

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1401 ASI-MV1401 Datasheet
17Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6520-12 ASI-DKV6520-12 Datasheet
13Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
REV. A
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522-12 ASI-DKV6522-12 Datasheet
27Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522-24 ASI-DKV6522-24 Datasheet
27Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522B ASI-DKV6522B Datasheet
31Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6533C ASI-DKV6533C Datasheet
25Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6534B ASI-DKV6534B Datasheet
19Kb / 2P
SILICON HYPERABRUPT VARACTOR DIODE
AHV9001 ASI-AHV9001 Datasheet
53Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MAVR-0013XX MA-COM-MAVR-0013XX Datasheet
757Kb / 7P
Silicon Hyperabrupt Varactor Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com