Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP7112 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MLP7112
Description  Low Power Limiter Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MLP7112 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MLP7112 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MLP7112 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MLP7112 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MLP7112 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MLP7112 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MLP7112 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low Power Limiter Diodes
Rev. V2
MLP71xx Series
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings
Parameter
Absolute Maximum
Leakage Current
100 nA @ 80% of min. VB
Operating Temperature
-55°C to +150°C
Storage Temperature
-65°C to +100°C
Unit
Peak Power In
Threshold
Leakage
Output Power
Insertion Loss
CW
Input Power
Recovery Time
dBm
dBm
dBm
dB
W
ns
Max.
Typ.
Typ.
Typ.
Max.
Typ.
MLP7100
50
10
22
0.1
2
10
MLP7101
53
10
24
0.2
3
10
MLP7102
56
10
25
0.2
4
10
MLP7110
53
15
27
0.1
3
20
MLP7111
56
15
29
0.2
4
20
MLP7112
59
15
31
0.2
5
20
MLP7120
60
20
39
0.1
5
50
MLP7121
63
20
41
0.2
10
50
MLP7122
66
20
44
0.2
15
50
MLP7130
47
7
19
0.1
2
5
MLP7131
50
7
22
0.1
3
5
MLP7140
47
12
24
0.1
3
10
MLP7141
50
12
27
0.1
4
10
RF Characteristics: TA = +25°C
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these HBM Class 0
devices.
Moisture Sensitivity
These electronic devices are rated MSL 1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com