Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP7121 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MLP7121
Description  Low Power Limiter Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MLP7121 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MLP7121 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MLP7121 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MLP7121 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MLP7121 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MLP7121 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MLP7121 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low Power Limiter Diodes
Rev. V2
MLP71xx Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Insertion Loss
 Fats Turn-on Time
 Wide Bandwidth
 RoHS* Compliant
Description
The MLP71xx Series limiter diodes are specially
processed PIN diodes with thin intrinsic regions
designed for use in passive or active limiters from
100 MHz to beyond 20 GHz. The different “I” region
thicknesses and capacitances provide variable
threshold and leakage power levels and power
handling capability.
This rugged device is capable of reliable operation in
military, commercial and industrial applications.
The MPL71xx Series is designed to be used in
receiver protection applications.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications: TA = +25°C
Parameter
Breakdown
Voltage
(VB)
Junction
Capacitance*
(CJ )
Series
Resistance
(RS)
Lifetime
(TL)
Thermal
Resistance
Condition
IR = 10 µA
VR = 0 V,
1 MHz
VR = 6 V,
1 MHz
IF = 10 mA,
1 GHz
IF = 1 mA,
1 GHz
IF = 10 mA,
IR = 6 mA
Unit
V
Ω
ns
ºC/W
pF
Typ.
Typ.
Max.
Typ.
Typ.
Typ.
Max.
MLP7100
20 - 45
0.2
0.15
1.5
5.0
5
100
MLP7101
20 - 45
0.5
0.30
1.2
4.5
10
80
MLP7102
20 - 45
0.7
0.50
1.0
4.0
10
55
MLP7110
45 - 75
0.2
0.15
1.5
4.0
10
80
MLP7111
45 - 75
0.5
0.30
1.2
3.5
15
60
MLP7112
45 - 75
0.7
0.50
1.0
3.0
20
40
MLP7120
120 - 180
0.2
0.15
1.5
3.5
50
40
MLP7121
120 - 180
0.6
0.30
1.0
3.0
50
20
MLP7122
120 - 180
0.8
0.50
0.5
3.0
100
15
MLP7130
15 - 30
0.12
0.10
2.0
4.0
5
120
MLP7131
15 - 30
0.2
0.15
1.5
3.0
5
80
MLP7140
30 - 60
0.12
0.10
2.0
4.0
7
100
MLP7141
30 - 60
0.2
0.15
1.5
4.0
7
70
CS37
SOD323
CS11
H20
CS16
CS32


Similar Part No. - MLP7121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLP7121 ETC1-MLP7121 Datasheet
206Kb / 2P
Limiter Diodes
More results

Similar Description - MLP7121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLP7100 ETC1-MLP7100 Datasheet
206Kb / 2P
Limiter Diodes
logo
American Microsemicondu...
MLD5114 AMMSEMI-MLD5114 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5115 AMMSEMI-MLD5115 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5116 AMMSEMI-MLD5116 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5117 AMMSEMI-MLD5117 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5118 AMMSEMI-MLD5118 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5119 AMMSEMI-MLD5119 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5120 AMMSEMI-MLD5120 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5121 AMMSEMI-MLD5121 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5123 AMMSEMI-MLD5123 Datasheet
707Kb / 1P
LIMITER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com