Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS60 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CS60
Description  Phase Control Thyristor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS60 Datasheet(HTML) 2 Page - IXYS Corporation

  CS60 Datasheet HTML 1Page - IXYS Corporation CS60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2003 IXYS All rights reserved
CS 60
Symbol
Test Conditions
Characteristic Values
I
R, ID
T
VJ = TVJM; VR = VRRM; VD = VDRM
≤
10
mA
T
VJ = 25°C
≤
0.2
mA
V
T
I
T
= 100 A; T
VJ = 25°C
≤
1.4
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
0.85
V
r
T
3.7
m
Ω
V
GT
V
D = 6 V;
T
VJ = 25°C
≤
1.5
V
T
VJ = -40°C
≤
1.6
V
I
GT
V
D = 6 V;
T
VJ = 25°C
≤
100
mA
T
VJ = -40°C
≤
200
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
≤
0.2
V
I
GD
≤
10
mA
I
L
T
VJ = 25°C; tP = 10 µs
≤
450
mA
I
G = 0.45 A; diG/dt = 0.45 A/µs
I
H
T
VJ = 25°C; VD = 6 V; RGK = ∞≤
200
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
≤
2
µs
I
G = 0.45 A; diG/dt = 0.45 A/µs
R
thJC
DC current
0.32
K/W
R
thJK
DC current
0.47
K/W
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.83
5.21
.190
.205
A
1
2.29
2.54
.090
.100
A
2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b
1
1.91
2.13
.075
.084
b
2
2.92
3.12
.115
.123
C
0.61
0.80
.024
.031
D
20.80
21.34
.819
.840
E
15.75
16.13
.620
.635
e
5.45 BSC
.215 BSC
L
19.81
20.32
.780
.800
L1
3.81
4.32
.150
.170
Q
5.59
6.20
.220 0.244
R
4.32
4.83
.170
.190
Terminals:
1 - Cathode
2 - Anode
3 - Gate
Tab - Anode
PLUS247TM Outline
Leads and tab are solder plated.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com