Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS60-12IO1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CS60-12IO1
Description  Phase Control Thyristor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS60-12IO1 Datasheet(HTML) 1 Page - IXYS Corporation

  CS60-12IO1 Datasheet HTML 1Page - IXYS Corporation CS60-12IO1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003 IXYS All rights reserved
CS 60
Symbol
Test Conditions
Maximum Ratings
I
T(RMS)
T
VJ = TVJM
(lead current limit)
75
A
I
T(AV)M
T
C = 105°C; 180° sine
48
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
1500
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
1600
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1350
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
1450
A
i2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
11,200
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
10,750
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
9100
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
8830
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 60 A
150
A/
µs
f = 50 Hz, t
P =200 µs
V
D = 2/3 VDRM
I
G = 0.3 A
non repetitive, I
T = IT(AV)M
500
A/
µs
di
G/dt = 0.3 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/
µs
R
GK = ∞; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30
µs10
W
I
T = IT(AV)M
t
P =
300
µs5
W
P
G(AV)
0.5
W
V
RGM
10
V
T
VJ
-40...+140
°C
T
VJM
140
°C
T
stg
-40...+125
°C
F
C
Mounting Force
20...120/4.5...27
N/lbs
Weight
6g
Features
Thyristor for line frequency
International standard package
JEDEC TO-247
Planar passivated chip
Long-term stability of blocking
currents and voltages
Applications
Motor control
Power converter
AC power controller
Switch-mode and resonant mode
power supplies
Light and temperature control
Advantages
Easy to mount
Space and weight savings
Simple mounting
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
Phase Control Thyristor
V
RRM
= 1200-1600 V
I
T(RMS) = 75 A
I
T(AV)M = 48 A
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1300
1200
CS 60-12io1
1500
1400
CS 60-14io1
1700
1600
CS 60-16io1
A
C
G
C = Cathode, A = Anode, G = Gate
PLUS247
G
C
A (TAB)
A
98811A (1/03)
Preliminary Data Sheet


Similar Part No. - CS60-12IO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS60-12IO1 IXYS-CS60-12IO1 Datasheet
294Kb / 5P
Thyristor Single Thyristor
More results

Similar Description - CS60-12IO1

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com