Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4850 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4850
Description  Mono 1.5 W / Stereo 300 mW Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4850 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4850 Datasheet HTML 7Page - National Semiconductor (TI) LM4850 Datasheet HTML 8Page - National Semiconductor (TI) LM4850 Datasheet HTML 9Page - National Semiconductor (TI) LM4850 Datasheet HTML 10Page - National Semiconductor (TI) LM4850 Datasheet HTML 11Page - National Semiconductor (TI) LM4850 Datasheet HTML 12Page - National Semiconductor (TI) LM4850 Datasheet HTML 13Page - National Semiconductor (TI) LM4850 Datasheet HTML 14Page - National Semiconductor (TI) LM4850 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Typical Performance Characteristics
Non-LD Specific Characteristics (Continued)
Power Supply Rejection Ratio
20001074
Application Information
BRIDGED AND SINGLE-ENDED OPERATION
As shown in Figure 1, the LM4850 contains three operational
amplifiers (A1-A3). These amplifiers can be configured for
SE or BTL modes.
In the SE mode, the LM4850 operates as a high current
output dual op amp. A1 and A3 are independent amplifiers
with an externally configured gain of A
V
=- R
F/RI. The
outputs of A1 and A3 are used to drive an external set of
headphones plugged into the headphone jack. Amplifier A2
is shut down to a high output impedance state in SE mode.
This prevents any current flow into the mono bridge-tied
load, thereby muting it.
In BTL mode, A3 is shut down to a high impedance state.
The audio signal from the RIGHT IN pin is directed to the
inverting input of A1. As a result, the LEFT IN and RIGHT IN
audio signals, V
INL and VINR, are summed together at the
input of A1. A2 is then activated with a closed-loop gain of A
V
= -1 fixed by two internal 20k
Ω resistors. The outputs of A1
and A2 are then used to drive the mono bridged-tied load.
EXPOSED-DAP PACKAGE PCB MOUNTING
CONSIDERATION
The LM4850’s exposed-DAP (die attach paddle) package
(LD) provides a low thermal resistance between the die and
the PCB to which the part is mounted and soldered. This
allows rapid heat transfer from the die to the surrounding
PCB copper traces, ground plane, and surrounding air. The
result is a low voltage audio power amplifier that produces
1.7W at
≤ 1% THD+N with a 4Ω load. This high power is
achieved through careful consideration of necessary thermal
design. Failing to optimize thermal design may compromise
the LM4850’s high power performance and activate un-
wanted, though necessary, thermal shutdown protection.
The LD package must have its DAP soldered to a copper
pad on the PCB. The DAP’s PCB copper pad is connected to
a large plane of continuous unbroken copper. This plane
forms a thermal mass, heat sink, and radiation area. Place
the heat sink area on either outside plane in the case of a
two-sided PCB, or on an inner layer of a board with more
than two layers. Connect the DAP copper pad to the inner
layer or backside copper heat sink area with 4(2x2) vias. The
via diameter should be 0.012in-0.013in with a 1.27mm pitch.
Ensure efficient thermal conductivity by plating through the
vias.
Best thermal performance is achieved with the largest prac-
tical heat sink area. If the heatsink and amplifier share the
same PCB layer, a nominal 2.5in
2 area is necessary for 5V
operation with a 4
Ω load. Heatsink areas not placed on the
same PCB layer as the LM4850 should be 5in
2 (min) for the
same supply voltage and load resistance. The last two area
recommendations apply for 25˚C ambient temperature. In-
crease the area to compensate for ambient temperatures
above 25˚C. The LM4850’s power de-rating curve in the
Typical Performance Characteristics shows the maximum
power dissipation versus temperature. An example PCB lay-
out for the LD package is shown in the Demonstration
Board Layout section. Further detailed and specific infor-
mation concerning PCB layout, fabrication, and mounting an
LD (LLP) package is available from National Semiconduc-
tor’s Package Engineering Group under application note
AN1187.
BRIDGE CONFIGURATION EXPLANATION
When the LM4850 is in BTL mode, the output of amplifier A1
serves as the input to amplifier A2, which results in both
amplifiers producing signals identical in magnitude, but out
of phase by 180˚. Consequently, the differential gain for the
mono channel is:
A
VD =VOUT /(VINL +VINR) = 2x(RF /RI)
(1)
Driving a load differentially through the BTL OUT- and BTL
OUT+ outputs is an amplifier configuration commonly re-
ferred to as ’bridged mode’. Bridged mode operation is dif-
ferent from the classical single-ended amplifier configuration
where one side of its load is connected to ground.
A bridge amplifier design has a few distinct advantages over
the single-ended configuration. It drives a load differentially,
which doubles output swing for a specified supply voltage.
This produces four times the output power as that produced
by a single-ended amplifier under the same conditions. This
increase in attainable output power assumes that the ampli-
fier is not current limited or clipped. In order to choose an
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com