Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM7497 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM7497
Description  Synchronous Modulo-64 Bit Rate Multiplier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM7497 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM7497 Datasheet HTML 1Page - National Semiconductor (TI) DM7497 Datasheet HTML 2Page - National Semiconductor (TI) DM7497 Datasheet HTML 3Page - National Semiconductor (TI) DM7497 Datasheet HTML 4Page - National Semiconductor (TI) DM7497 Datasheet HTML 5Page - National Semiconductor (TI) DM7497 Datasheet HTML 6Page - National Semiconductor (TI) DM7497 Datasheet HTML 7Page - National Semiconductor (TI) DM7497 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switching Characteristics
VCC ea50V TA ea25 C (See Section 1 for waveforms and load configurations)
5497
DM7497
Symbol
Parameter
CL e 15 pF
CL e 15 pF
Units
RL e 400X
RL e 400X
Min
Max
Min
Max
fmax
Maximum Clock Frequency
25
25
MHz
tPLH
Propagation Delay
18
18
ns
tPHL
EZ to OZ
23
23
tPLH
Propagation Delay
30
30
ns
tPHL
EZ to OY
33
33
tPLH
Propagation Delay
14
14
ns
tPHL
EY to OY
10
10
tPLH
Propagation Delay
23
23
ns
tPHL
Sn to OY
23
23
tPLH
Propagation Delay
14
14
ns
tPHL
Sn to OZ
14
14
tPLH
Propagation Delay
39
39
ns
tPHL
CP to OY
30
30
tPLH
Propagation Delay
18
18
ns
tPHL
CP to OZ
26
26
tPLH
Propagation Delay
35
30
ns
tPHL
CP to TC
33
33
tPLH
Propagation Delay
25
20
ns
tPHL
CE to TC
21
21
tPLH
Propagation Delay
43
36
ns
MR to OY
tPHL
Propagation Delay
34
23
ns
MR to OZ
Timing Diagrams
TLF9780 – 5
TLF9780 – 6
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com