Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2165Q Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2165Q
Description  16/24/32kbps ADPCM Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2165Q Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2165Q Datasheet HTML 9Page - Dallas Semiconductor DS2165Q Datasheet HTML 10Page - Dallas Semiconductor DS2165Q Datasheet HTML 11Page - Dallas Semiconductor DS2165Q Datasheet HTML 12Page - Dallas Semiconductor DS2165Q Datasheet HTML 13Page - Dallas Semiconductor DS2165Q Datasheet HTML 14Page - Dallas Semiconductor DS2165Q Datasheet HTML 15Page - Dallas Semiconductor DS2165Q Datasheet HTML 16Page - Dallas Semiconductor DS2165Q Datasheet HTML 17Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DS2165Q
13 of 17
ABSOLUTE MAXIMUM RATINGS*
Voltage Range on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature Range
0
°C to +70°C
Storage Temperature Range
-55
°C to +125°C
Soldering Temperature Range
See IPC/JEDEC J-STD-020A
*This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time can affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(T
A = 0°C to +70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Logic 1
VIH
2.0
VCC + 0.3
V
5, 7
Logic 0
VIL
-0.3
+0.8
V
5
Supply
VDD
4.5
5.5
V
5
Logic 1
VIH
2.2
VCC + 0.3
V
6
Logic 0
VIL
-0.3
+0.4
V
6
Supply
VDD
2.7
3.6
V
6
CAPACITANCE
(T
A = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Capacitance
CIN
5pF
Output Capacitance
COUT
10
pF
DC ELECTRICAL CHARACTERISTICS
(V
DD = 5V ±10%, TA = 0°C to +70°C;
VDD = 3.0V + 20% - 10% for DS2165QL)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Active Supply Current
IDDA
20
mA
1, 2, 5
Active Supply Current
IDDA
12
mA
1, 2, 6
Idle Supply Current
IDDPD
1
mA
1, 2, 3
Input Leakage
II
-1.0
+1.0
mA
Output Leakage
IO
-1.0
+1.0
mA
4
Output Current (2.4V)
IOH
-1.0
mA
5
Output Current (0.4V)
IOL
+4.0
mA
5
Output Current (2.2V)
IOH
-0.5
mA
6
Output Current (0.4V)
IOL
+2.0
mA
6
NOTES:
1) CLKX = CLKY = 1.544MHz; MCLK = 10MHz
2) Outputs open; inputs swinging full supply levels.
3) Both channels in idle mode.
4) XOUT and YOUT are tri-stated.
5) Applies only to 5V device.
6) Applies only to 3V device (DS2165QL).
7) CLKX, CLKY, MCLK VIH MIN = 2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com