Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4850MM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4850MM
Description  Mono 1.5 W / Stereo 300 mW Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4850MM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4850MM Datasheet HTML 5Page - National Semiconductor (TI) LM4850MM Datasheet HTML 6Page - National Semiconductor (TI) LM4850MM Datasheet HTML 7Page - National Semiconductor (TI) LM4850MM Datasheet HTML 8Page - National Semiconductor (TI) LM4850MM Datasheet HTML 9Page - National Semiconductor (TI) LM4850MM Datasheet HTML 10Page - National Semiconductor (TI) LM4850MM Datasheet HTML 11Page - National Semiconductor (TI) LM4850MM Datasheet HTML 12Page - National Semiconductor (TI) LM4850MM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Typical Performance Characteristics
Non-LD Specific Characteristics (Continued)
Output Power vs Load Resistance
Output Power vs Supply Voltage
20001049
20001069
Output Power vs Supply Voltage
Dropout Voltage vs Supply Voltage
20001071
20001072
Power Dissipation vs Output Power
Power Dissipation vs Output Power
20001055
20001056
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com