Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4851 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4851
Description  Integrated Audio Amplifier System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4851 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4851 Datasheet HTML 9Page - National Semiconductor (TI) LM4851 Datasheet HTML 10Page - National Semiconductor (TI) LM4851 Datasheet HTML 11Page - National Semiconductor (TI) LM4851 Datasheet HTML 12Page - National Semiconductor (TI) LM4851 Datasheet HTML 13Page - National Semiconductor (TI) LM4851 Datasheet HTML 14Page - National Semiconductor (TI) LM4851 Datasheet HTML 15Page - National Semiconductor (TI) LM4851 Datasheet HTML 16Page - National Semiconductor (TI) LM4851 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Application Information
SPI PIN DESCRIPTION
DATA: This is the serial data input pin.
CLK: This is the clock input pin.
ENB: This is the SPI enable pin and is active-high.
SPI OPERATION DESCRIPTION
The serial data bits are organized into a field which contains
8 bits of data defined by TABLE 1. The Data 0 to Data 2 bits
determine the output mode of the LM4851 as shown in
TABLE 2. The Data 3 to Data 7 bits determine the volume
level setting as illustrated by TABLE 3. For each SPI transfer,
the data bits are written to the DATA pin with the least
significant bit (LSB) first. All serial data are sampled at the
rising edge of the CLK signal. Once all the data bits have
been sampled, ENB transitions from logic-high to logic-low
to complete the SPI sequence. All 8 bits must be received
before any data latch can occur. Any excess CLK and DATA
transitions will be ignored after the eighth rising clock edge
has occurred. For any data sequence longer than 8 bits, only
the first 8 bits will get loaded into the shift register and the
rest of the bits will be disregarded.
TABLE 1. Bit Allocation
Data 0
Mode 1
Data 1
Mode 2
Data 2
Mode 3
Data 3
Volume 1
Data 4
Volume 2
Data 5
Volume 3
Data 6
Volume 4
Data 7
Volume 5
TABLE 2. Output Mode Selection
Output Mode #
Data 2
Data 1
Data 0
SPKR
OUT
R
OUT
L
OUT
0
0
0
0
SD
SD
SD
1
0
0
1
6dB x P
SD
SD
2
010
SD
P
P
3
0
1
1
G(R+L)
SD
SD
4
1
0
0
SD
GxR
GxL
5
1
0
1
G(R+L) + 6dB x P
SD
SD
6
1
1
0
SD
(GxR)+P
(GxL)+P
7
1
1
1
6dBxP
(GxR)+P
(GxL)+P
P = Phone In
R = Rin
L = Lin
SD = Shutdown
G = Gain of volume control
Default Mode upon device power-up is Output Mode 0
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com