Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS201 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SMS201
Description  Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMS201 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SMS201 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMS201 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMS201 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMS201 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Schottky Diode
Rev. V1
SMS201
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-xxxxxxx
2
Typical RF Performance: TA = +25°C, ZO = 50 Ω
Small Signal Capacitance vs. Frequency
Typical Dynamic Transfer Characteristics: RL = 10 mΩ, FO = 10 GHz
Output Voltage vs. Input Power



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com