Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC520ALC4 Datasheet(PDF) 19 Page - Analog Devices

Part # HMC520ALC4
Description  Radio frequency (RF) range: 6 GHz to 10 GHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC520ALC4 Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC520ALC4 Datasheet HTML 15Page - Analog Devices HMC520ALC4 Datasheet HTML 16Page - Analog Devices HMC520ALC4 Datasheet HTML 17Page - Analog Devices HMC520ALC4 Datasheet HTML 18Page - Analog Devices HMC520ALC4 Datasheet HTML 19Page - Analog Devices HMC520ALC4 Datasheet HTML 20Page - Analog Devices HMC520ALC4 Datasheet HTML 21Page - Analog Devices HMC520ALC4 Datasheet HTML 22Page - Analog Devices HMC520ALC4 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
HMC520A
Rev. 0 | Page 19 of 28
AMPLITUDE/PHASE BALANCE DOWNCONVERTER: IF = 100 MHz, LOWER SIDEBAND (HIGH-SIDE LO)
Data taken at LO = 15 dBm, unless otherwise noted.
1.0
–1.0
–0.2
–0.6
0.2
0.6
0.8
–0.4
–0.8
0
0.4
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 65. Amplitude Balance vs. RF Frequency at Various Temperatures
15
–15
–5
5
–10
0
10
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 66. Phase Balance vs. RF Frequency at Various Temperatures
1.0
–1.0
–0.2
–0.6
0.2
0.6
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
LO = 19dBm
LO = 17dBm
LO = 15dBm
LO = 13dBm
Figure 67. Amplitude Balance vs. RF Frequency at Various LO Powers,
TA = 25°C
15
–15
–5
5
–10
0
10
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
LO = 19dBm
LO = 17dBm
LO = 15dBm
LO = 13dBm
Figure 68. Phase Balance vs. RF Frequency at Various LO Powers,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com