Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3677 Datasheet(PDF) 13 Page - ams AG

Part # AS3677
Description  High-efficiency step up DC/DC converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 13 Page - ams AG

Back Button AS3677_17 Datasheet HTML 9Page - ams AG AS3677_17 Datasheet HTML 10Page - ams AG AS3677_17 Datasheet HTML 11Page - ams AG AS3677_17 Datasheet HTML 12Page - ams AG AS3677_17 Datasheet HTML 13Page - ams AG AS3677_17 Datasheet HTML 14Page - ams AG AS3677_17 Datasheet HTML 15Page - ams AG AS3677_17 Datasheet HTML 16Page - ams AG AS3677_17 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
ams Datasheet
Page 13
[v1-32] 2016-Sep-27
Document Feedback
AS3677 − Detailed Description
LDO Registers
Figure 18:
Reg. Control Register
Figure 19:
LDO Voltage Register
Addr: 00
Reg. Control
This register enables/disables the LDOs, charge pumps, charge
pump LEDs, current sinks, the step up DC/DC converter, and
low-power mode
Bit
Bit Name
Default
Access
Description
0
ldo_on
0
R/W
0
LDO is switched OFF
1
LDO is switched ON
Addr: 07h
LDO Voltage
This register sets the output voltage (VANA) for the LDO
Bit
Bit Name
Default
Access
Description
4:0
ldo_voltage
00000b
R/W
Controls LDO voltage selection
00000b
1.8V
....
LSB=50mV
11111b
3.35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com