Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-8244AACFN-CECT2Z Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8244AACFN-CECT2Z
Description  BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8244AACFN-CECT2Z Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8244AACFN-CECT2Z Datasheet HTML 5Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 6Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 7Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 8Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 9Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 10Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 11Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 12Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.6.4_02
S-8244 Series
9
Electrical Characteristics
Table 8
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
conditions
Test circuit
DETECTION VOLTAGE
Overcharge detection voltage 1 *1
VCU1
3.7 V to 4.55 V Adjustment
VCU1
−0.025
VCU1
VCU1
+0.025
V
1
1
Overcharge detection voltage 2 *1
VCU2
3.7 V to 4.55 V Adjustment
VCU2
−0.025
VCU2
VCU2
+0.025
V
2
1
Overcharge detection voltage 3 *1
VCU3
3.7 V to 4.55 V Adjustment
VCU3
−0.025
VCU3
VCU3
+0.025
V
3
1
Overcharge detection voltage 4 *1
VCU4
3.7 V to 4.55 V Adjustment
VCU4
−0.025
VCU4
VCU4
+0.025
V
4
1
Overcharge hysteresis voltage 1 *2 VCD1
⎯
0.28
0.38
0.48
V
1
1
Overcharge hysteresis voltage 2 *2 VCD2
⎯
0.28
0.38
0.48
V
2
1
Overcharge hysteresis voltage 3 *2 VCD3
⎯
0.28
0.38
0.48
V
3
1
Overcharge hysteresis voltage 4 *2 VCD4
⎯
0.28
0.38
0.48
V
4
1
Detection voltage
temperature coefficient *3
TCOE
Ta =
−40°C to +85°C*4
−0.4
0.0
+0.4
mV/
°C
⎯
⎯
DELAY TIME
Overcharge detection delay time
tCU
C = 0.1
μF
1.0
1.5
2.0
s
5
2
OPERATING VOLTAGE
Operating voltage
between VCC and VSS *5
VDSOP
⎯
3.6
⎯
24
V
⎯
⎯
CURRENT CONSUMPTION
Current consumption
during normal operation
IOPE
V1 = V2 = V3 = V4 = 3.5 V
⎯
1.5
3.0
μA
6
3
Current consumption at
power down
IPDN
V1 = V2 = V3 = V4 = 2.3 V
⎯
1.2
2.4
μA
6
3
VC1 sink current
IVC1
V1 = V2 = V3 = V4 = 3.5 V
−0.3
⎯
0.3
μA
6
3
VC2 sink current
IVC2
V1 = V2 = V3 = V4 = 3.5 V
−0.3
⎯
0.3
μA
6
3
VC3 sink current
IVC3
V1 = V2 = V3 = V4 = 3.5 V
−0.3
⎯
0.3
μA
6
3
OUTPUT VOLTAGE*6
CO “H” voltage
VCO(H)
at IOUT = 10
μA
VCC
−0.05
⎯
⎯
V
7
4
CO “L” voltage
VCO(L)
at IOUT = 10
μA
⎯
⎯
VSS
+0.05
V
7
4
*1.
± 50 mV when Ta = −40°C to +85°C.
*2.
0.25
± 0.07 V, 0.13 ± 0.04 V, 0.045 ± 0.02 V except for 0.38 V hysteresis models.
*3.
Overcharge detection voltage or overcharge hysteresis voltage.
*4.
Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.
*5.
After detecting the overcharge, the delay circuit operates normally in the range of operating voltage.
*6.
Output logic and CMOS or open drain output can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com