Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4854 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4854
Description  1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4854 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4854 Datasheet HTML 9Page - National Semiconductor (TI) LM4854 Datasheet HTML 10Page - National Semiconductor (TI) LM4854 Datasheet HTML 11Page - National Semiconductor (TI) LM4854 Datasheet HTML 12Page - National Semiconductor (TI) LM4854 Datasheet HTML 13Page - National Semiconductor (TI) LM4854 Datasheet HTML 14Page - National Semiconductor (TI) LM4854 Datasheet HTML 15Page - National Semiconductor (TI) LM4854 Datasheet HTML 16Page - National Semiconductor (TI) LM4854 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Output Power
Output Power
vs Power Supply Voltage
200382C2
V
DD = 3V, RL =32
Ω (SE),
at (from top to bottom at 20mW)
20kHz, 20Hz, 1kHz
200382A8
R
L =8
Ω (BTL), f
IN = 1kHz,
at (from top to bottom at 4V)
10% THD+N, 1% THD+N
Output Power
vs Power Supply Voltage
PSRR vs Frequency
200382A7
R
L =16
Ω (BTL), f
IN = 1kHz,
at (from top to bottom at 4V):
10% THD+N, 1% THD+N
200382E3
LM4854LD
V
DD = 5V, RL =4
Ω (BTL),
R
SOURCE =10
Ω
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com