Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD666SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HCD666SC
Description  12V OCXO FAST WARM UP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HCD666SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HCD666SC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
03 Mar 2000
12V OCXO Fast Warm Up
HCD665SC & HCD666SC
25.00
(max)
1.00Ø
51.00 (max)
41.00
(max)
321
45
PIN
1
2
3
4
5
CONNECTION
Ground
Freq adjustment
Ref voltage out
Supply
RF output
21.00
21.00
32.00
VOLTAGE CONTROL
3
2
1
10k multi-turn
1k
BOTTOM VIEW
5.00
Features
➠ Fast warm up
➠ Standard European pin-out
➠ High performance
➠ SC cut overtone crystal
➠ Custom options available
Product name + option codes (if any) + frequency
eg: HCD665SC 10.0MHz
HCD666SC 5.0MHz
Option code X (eg HCD665SC/X) denotes a custom spec.
Ordering Information
Scale 1:1
Option
Codes
665SC
666SC
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
HCD665SC: Sine wave output
HCD666SC: HCMOS / TTL output
Frequency range:
4.0 ~ 16.0MHz
(5.0 & 10.0MHz are standard)
Frequency stability:
±2x10-10 / day at despatch
±2x10-8 / year max
±1x10-9 per 10% change in V
DD
±5x10-10 per 10% change in load
Short term stability (1 sec):
±5x10-12 (5.0MHz)
±1x10-11 (10.0MHz)
Temperature stability:
±3x10-9 over -20 to +70°C
Operating temperature range:
-20 to +70°C
Other options from -40°C
specify
Storage temperature range:
-40 to +90°C
Output waveform:
Sine wave, 7dBm (±1dBm) into 50
Other options to +13dBm into 50
specify
HCMOS / TTL compatible
Frequency adjustment:
±5x10-7 typ, +0.5 to +7.0V
(sufficient for 10 years ageing min)
Stabilised +7.0V supply provided
Supply voltage (V
DD):
+12.0V (±0.5V)
Other options from 12~30V
specify
Power consumption:
10.0W max at switch on
1.3W typ when stabilised at 25°C
Warm up:
±1x10-8 after 4.5mins at -20°C
±1x10-8 after 2.25mins at +25°C
Phase noise (@ 10.0MHz):
< -130dBc/Hz @ 10Hz
< -145dBc/Hz @ 100Hz
< -155dBc/Hz @ 1kHz
< -158dBc/Hz @ 10kHz
< -160dBc/Hz @ 50kHz
Shock:
IEC 68-2-27 Test Ea
50G for 11ms
Vibration:
IEC 68-2-06 Test Fc
10-55Hz, 1.5mm. 55-500Hz, 10G


Similar Part No. - HCD666SC

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD666 GOLLEDGE-HCD666 Datasheet
65Kb / 1P
OCXO HCMOS Output - Fast Warm Up
HCD666 GOLLEDGE-HCD666 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and European Pin-out
HCD666/FRGN GOLLEDGE-HCD666/FRGN Datasheet
65Kb / 1P
OCXO HCMOS Output - Fast Warm Up
HCD666/FTFN GOLLEDGE-HCD666/FTFN Datasheet
65Kb / 1P
OCXO HCMOS Output - Fast Warm Up
HCD666 GOLLEDGE-HCD666_18 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and European Pin-out
More results

Similar Description - HCD666SC

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD665 GOLLEDGE-HCD665 Datasheet
66Kb / 1P
OCXO Sine Output - Fast Warm Up
HCD666 GOLLEDGE-HCD666 Datasheet
65Kb / 1P
OCXO HCMOS Output - Fast Warm Up
SCOCXOL GOLLEDGE-SCOCXOL Datasheet
145Kb / 2P
3.3 & 5.0V OCXO CMOS Output Fast Warm Up
logo
MICORO CRYSTAL SWITZERL...
SCOCXOL MICROCRYSTAL-SCOCXOL_16 Datasheet
326Kb / 3P
Fast warm-up
logo
Golledge Electronics Lt...
SCOCXOLW GOLLEDGE-SCOCXOLW Datasheet
558Kb / 5P
3.3V OCXO with CMOS Output and Fast Warm Up
SCOCXOLV GOLLEDGE-SCOCXOLV Datasheet
558Kb / 5P
5V OCXO with CMOS Output and Fast Warm Up
HCD666 GOLLEDGE-HCD666_18 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and European Pin-out
HCD685 GOLLEDGE-HCD685 Datasheet
558Kb / 5P
Fast Warm Up OCXO with Sine Output and US Pin-out
HCD686 GOLLEDGE-HCD686 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and US Pin-out
MCOCXOV GOLLEDGE-MCOCXOV_18 Datasheet
557Kb / 5P
5V OCXO with Fast Warm Up and CMOS Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com