Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0708 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-0708
Description  High Speed CMOS Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0708 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-0708 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0708 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0708 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0708 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0708 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0708 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0708 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0708 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0708 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Electrical Specifications
Over recommended temperature (TA = –40°C to +100°C) and 4.5 V ≤ VDD ≤ 5.5 V.
All typical specifications are at TA = 25°C, VDD = +5 V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Notes
Input Forward Voltage
VF
1.3
1.5
1.8
V
IF = 12 mA
1
Input Reverse
BVR
5V
IR = 10 µA
Breakdown Voltage
Logic High Output
VOH
4.0
4.8
V
IF = 0, IO = –20 µA
Voltage
Logic Low Output
VOL
0.01
0.1
V
IF = 12 mA, IO = 20 µA
Voltage
Input Threshold Current
ITH
8.2
mA
IOL = 20 µA2
Logic Low Output
IDDL
6.0
14.0
mA
IF = 12 mA
4
Supply Current
Logic High Output
IDDH
4.5
11.0
mA
IF = 0
3
Supply Current
Switching Specifications
Over recommended temperature (TA = –40°C to +100°C) and 4.5 V ≤ VDD ≤ 5.5 V.
All typical specifications are at TA = 25°C, VDD = +5 V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Notes
Propagation Delay Time
tPHL
20
35
60
ns
IF = 12 mA, CL = 15 pF
5
1
to Logic Low Output
CMOS Signal Levels
Propagation Delay Time
tPLH
13
21
60
ns
IF = 12 mA, CL = 15 pF
5
1
to Logic High Output
CMOS Signal Levels
Pulse Width
PW
100
ns
Pulse Width Distortion
|PWD|
0
14
30
ns
IF = 12 mA, CL = 15 pF
2
2
CMOS Signal Levels
Propagation Delay Skew
tPSK
40
ns
IF = 12 mA, CL = 15 pF
3
3
CMOS Signal Levels
Output Rise Time
tR
20
ns
IF = 12 mA, CL = 15 pF
(10 - 90%)
CMOS Signal Levels
Output Fall Time
tF
25
ns
IF = 12 mA, CL = 15 pF
(90 - 10%)
CMOS Signal Levels
Common Mode
|CMH|
10
15
kV/
µsV
CM = 1000 V, TA = 25°C,
4
4
Transient Immunity at
IF = 0 mA
Logic High Output
Common Mode
|CML|
10
15
kV/
µsV
CM = 1000 V, TA = 25°C,
5
5
Transient Immunity at
IF = 12 mA
Logic Low Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com