Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012N220LTD25 Datasheet(PDF) 1 Page - TDK Electronics

Part # MLZ2012N220LTD25
Description  Inductors (Coils)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012N220LTD25 Datasheet(HTML) 1 Page - TDK Electronics

  MLZ2012N220LTD25 Datasheet HTML 1Page - TDK Electronics MLZ2012N220LTD25 Datasheet HTML 2Page - TDK Electronics MLZ2012N220LTD25 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inductors (Coils)
1 of 3
Creation Date : January 19, 2017 (GMT)
MLZ2012N220LTD25
Applications
Automotive Grade
Feature
AEC-Q200
AEC-Q200
Multilayer
Multilayer
Shield
Magnetic Shield
Ferrite Core
Ferrite Core
Series
MLZ
Status
Production
Size
Length(L)
2.00mm ±0.20mm
Width(W)
1.25mm ±0.20mm
Thickness(T)
1.25mm ±0.20mm
Recommended Land Pattern (A)
0.80mm Nom.
Recommended Land Pattern (B)
1.00mm Nom.
Recommended Land Pattern (C)
1.20mm Nom.
Electrical Characteristics
Inductance
22μH ±20% at 2MHz
Rated Current (L Change) [Typ.]
Rated Current (L Change) [Max.]
70mA (50% Down)
Rated Current (Temperature Rise) [Typ.]
300mA (20°C Rise)
Rated Current (Temperature Rise) [Max.]
70mA (20°C Rise)
DC Resistance [Typ.]
670mΩ
DC Resistance [Max.]
871mΩ
Self Resonant Frequency [Min.]
Self Resonant Frequency [Typ.]
Q [Min.]
Q [Typ.]
Other
Operating Temp. Range (Including Self-Temp. Rise)
-55 to 125°C
Soldering Method
Flow
Reflow
Iron Soldering
AEC-Q200
Yes
Packing
Blister (Plastic)Taping [180mm Reel]
Package Quantity
2000pcs
Weight
0.014g
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - MLZ2012N220LTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLZ2012N220LT000 TDK-MLZ2012N220LT000 Datasheet
200Kb / 15P
Inductors for Decoupling Circuits Multilayer Ferrite
MLZ2012N220LT000 TDK-MLZ2012N220LT000 Datasheet
159Kb / 3P
Inductors (Coils)
More results

Similar Description - MLZ2012N220LTD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82498F3471G000 TDK-B82498F3471G000 Datasheet
246Kb / 2P
Inductors (Coils)
B82498F3271G000 TDK-B82498F3271G000 Datasheet
246Kb / 2P
Inductors (Coils)
B82498F3271J000 TDK-B82498F3271J000 Datasheet
246Kb / 2P
Inductors (Coils)
B82498F3330G000 TDK-B82498F3330G000 Datasheet
246Kb / 2P
Inductors (Coils)
B82498F3470G000 TDK-B82498F3470G000 Datasheet
246Kb / 2P
Inductors (Coils)
B82498F1272J000 TDK-B82498F1272J000 Datasheet
247Kb / 2P
Inductors (Coils)
B82498F1332J000 TDK-B82498F1332J000 Datasheet
247Kb / 2P
Inductors (Coils)
B82498F1472J000 TDK-B82498F1472J000 Datasheet
247Kb / 2P
Inductors (Coils)
B82498F3100G000 TDK-B82498F3100G000 Datasheet
246Kb / 2P
Inductors (Coils)
B82498F3121J000 TDK-B82498F3121J000 Datasheet
246Kb / 2P
Inductors (Coils)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com