Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3180 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL3180
Description  Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3180 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL3180 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL3180 Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Figure 23. TPLH, TPHL, Tr and Tf Test Circuit and Waveform
Figure 24. CMR Test Circuit and Waveform
1
2
3
4
8
7
6
5
Shield
Vcc=+20V
+
-
10
Ω
Ω
+
-
10nF
250KHz
50% Duty
Cycle
Tr
Tf
90%
10%
50%
Tplh
Tphl
Vout
1
2
3
4
8
7
6
5
Shield
0,1 µF
+
-
500
GND
+
-
If= 10 to 16mA
If
1
2
3
4
8
7
6
5
Shield
0,1
µF
Vcc =+20V
+
-
+
-
5V
0V
VO
IF
+
-
Vcm =1500V
VO
VO
VOL
VOH
dt
Switching at B
IF=0mA
Switching at A
IF=10mA
dv/dt= Vcm/dt
1
2
3
4
8
7
6
5
Shield
0,1
µF
+
-
+
-
VO
IF
+
-
Vcm =1500V
VO
VO
VOL
VOH
dt
VCM
Switching at B
IF=0mA
Switching at A
IF=10mA
dv/dt= Vcm/dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com