Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC6N138HTLD Datasheet(PDF) 6 Page - COSMO Electronics Corporation

Part # KPC6N138HTLD
Description  8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N138HTLD Datasheet(HTML) 6 Page - COSMO Electronics Corporation

Back Button KPC6N138HTLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N138HTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N138HTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N138HTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N138HTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N138HTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N138HTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N138HTLD Datasheet HTML 9Page - COSMO  Electronics Corporation KPC6N138HTLD Datasheet HTML 10Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P51004.2
- 6 -
http://www.cosmo-ic.com
cosmo
KPC6N138 Series
8PIN HIGH-SPEED DARLINGTON OUTPUT
PHOTOCOUPLER
Fig.7 Output Current
vs. Forward Current
Fig.8 Logic Low Supply Current
vs. Forward Current
1 0
0 . 1
1
0
1
1 0
1 0 0
T a = 2 5 °
V o = 0 .4 V
V c c = 5 V
C
0
T a = 2 5 °
T a = 2 5 °
T a = 2 5 °
T a = 2 5 °
C
C
C
C
4
2
0
0.5
0
1.0
12
8
6
2.0
1.5
2.5
10
Vcc=5V
Vcc=18V
Forward Current IF (mA)
Forward Current IF (mA)
Fig.9 Propagation Delay
vs. Forward Current
Fig.10 Propagation Delay to Logic Low
vs. Pulse Period
0
0
1
10
20
2
3
4
6
5
7
(t
) R =2.2Kohm
9
8
(t
) R =2.2Kohm or 2.2Kohm
Vcc=5V
40
30
50
60
Ta=25°
(t
) R =4.7Kohm
C
PLH
L
PLH
L
PHL
L
1 0
0 .1
1
0 .1
0 .2
1
0 .5
5
2
2 0
1 0
T a = 2 5 °
R
= 2 . 2 K Ω
I = 1 . 6 m A
1 0 0
5 0
C
F
L
Forward Current IF (mA)
Input Pulse Period T(ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com