Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP90 Datasheet(PDF) 2 Page - XP Power Limited

Part # SIP90
Description  REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SIP90 Datasheet(HTML) 2 Page - XP Power Limited

  SIP90 Datasheet HTML 1Page - XP Power Limited SIP90 Datasheet HTML 2Page - XP Power Limited SIP90 Datasheet HTML 3Page - XP Power Limited SIP90 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL
SIP90
SIP100
Output Voltage
<25 to 90VDC
<25 to 100VDC
Max Output Current*1
0 to 1mA
0 to 10mA
Ripple P-P
<5mV
<10mV
Input Voltage
3 to 6.7VDC
4 to 6.7VDC
Input Current [No load]
<125mA
<75mA
Input Current [Full load]
<150mA
<350mA
Line Regulation
0.05%
0.20%
Load Regulation
0.03%
0.10%
Programming Voltage
See Below
Programming Accuracy
91 +/-1
—
Frequency
2MHz +/- 5%
Stability
< 0.01%/hr [1hr warm up]
Tempco
<100ppm / deg C
Operating Temperature
-20 to +70C°*3 (Case)
Storage Temperature
-20 to +105C
OUTPUT VOLTAGE (Pin 4) vs. PROGRAMMING VOLTAGE (Pin 1)
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
33.5
44.5
Programming Voltage
4760W02
PAGE 2
WWW.XPPOWER.COM
SIP SERIES
ELECTRICAL SPECIFICATIONS*2 (25 to 100VDC)
VOLTAGE PROGRAMMING
Ripple Measurements:
1. Ripple specified at maximum output power
2. Set scope bandwidth limit to 20MHz
Programming pin (#1):
1. Pin should be left open for min Vout.
2. Pin must be grounded for max Vout.
3. Pin Can be modeled in the following way:
(Please refer to the programming voltage chart)
SIP90 Programming Voltage =
SIP100 Programming Voltage =
91 - Vout
14.1
100 - Vout
15.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com