Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR05S09 Datasheet(PDF) 2 Page - XP Power Limited

Part # STR05S09
Description  Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

STR05S09 Datasheet(HTML) 2 Page - XP Power Limited

  STR05S09 Datasheet HTML 1Page - XP Power Limited STR05S09 Datasheet HTML 2Page - XP Power Limited STR05S09 Datasheet HTML 3Page - XP Power Limited STR05S09 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STR Series
www.xppower.com
2
Switching Regulator
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
1.4
15.5
VDC
See Models and Ratings table
Initial Set Accuracy
±2.0
±3.0
%
Minimum Load
A
No minimum load required
Line Regulation
±0.2
±0.4
%
1.5 V to 6.5 V
±0.1
±0.2
9 V to 15 V
Load Regulation
±0.4
±0.6
%
1.5 V to 6.5 V
±0.25
±0.4
9 V to 15 V
Transient Response
2
% deviation
Recovery within 1% in less than 100 µs for a 50% load
change.
Ripple & Noise
30
mV pk-pk
1.5V to 6.5V. 20 MHz bandwidth. Measured using 0.47 µF
ceramic capacitor.
40
9V to 15V. 20 MHz bandwidth. Measured using 0.47 µF
ceramic capacitor.
Short Circuit Protection
Continuous, with auto recovery
Maximum Capacitive Load
220
µF
Temperature Coefficient
0.02
%/ ˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
32
VDC
See Models and Ratings table. A 22 µF / 50 V capacitor is
required across the input for voltages above 28 VDC. Input
voltages must be >1.5 V higher than output voltage for 3.3 V
to 5 V versions and >3.0V for 6.5 V to 15 V versions
Input Filter
Internal Capacitor
Input Surge
34
VDC for 1 s
Input Current - No Load
5
mA
Input Current - Remote On/Off
35
µA
At 24 V input
Remote On/Off
ON: Logic high (2.4 - 5 V) or open circuit
OFF: Logic low (<1.6 V) or short pin 10 to pin 7, 8 or 9
Input current is 35 µA max at nominal input voltage when output is remotely turned off
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
94
%
See Models and Ratings table
Isolation: Input to Output
No isolation
Switching Frequency
280
330
380
kHz
Mean Time Between Failure
2.0
MHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.004 (1.7)
lb (g)
Moisture Sensitivity Level
Level 2
IPC/JEDEC J-STD-020D.1
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+100
°C
See Derating Curve.
Storage Temperature
-55
+125
°C
Case Temperature
+95
°C
Thermal Shutdown
160
°C
Measured internally
Humidity
95
%RH
Non-condensing
Cooling
Natural convection
Case Flammability
UL 94V-0 Rated
Non conductive black plastic
Lead-Free Reflow Solder Process
IPC/JEDEC J-STD-020D.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com