Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX751 Datasheet(PDF) 11 Page - Sony Corporation

Part # ILX751
Description  2048-pixel CCD Linear Sensor (B/W)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX751 Datasheet(HTML) 11 Page - Sony Corporation

Back Button ILX751 Datasheet HTML 7Page - Sony Corporation ILX751 Datasheet HTML 8Page - Sony Corporation ILX751 Datasheet HTML 9Page - Sony Corporation ILX751 Datasheet HTML 10Page - Sony Corporation ILX751 Datasheet HTML 11Page - Sony Corporation ILX751 Datasheet HTML 12Page - Sony Corporation ILX751 Datasheet HTML 13Page - Sony Corporation ILX751 Datasheet HTML 14Page - Sony Corporation ILX751 Datasheet HTML 15Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
– 11 –
ILX751B
Example of Representative Characteristics
Dark signal voltage rate vs. Ambient temperature
(Standard characteristics)
10
5
1
0.5
0.1
010
20
30
Ta – Ambient temperature [ C]
40
50
60
VDD1, VDD2 supply current vs. Clock frequency
(Standard characteristics)
10
IVDD1
Ta = 25 C
IVDD2
5
1
0.5
0.1
0.1M
1M
Clock frequency [Hz]
5M
Spectral sensitivity characteristics
(Standard characteristics)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
400
500
600
700
800
900
1000
Wavelength [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com