Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3233B-40U6T Datasheet(PDF) 89 Page - STMicroelectronics

Part # UPSD3233B-40U6T
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233B-40U6T Datasheet(HTML) 89 Page - STMicroelectronics

Back Button UPSD3233B-40U6T Datasheet HTML 85Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 86Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 87Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 88Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 89Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 90Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 91Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 92Page - STMicroelectronics UPSD3233B-40U6T Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 176 page
background image
89/176
µPSD323X
DDC2B Protocol
DDC2B is constructed based on the Philips I2C in-
terface. However, in the level of DDC2B, PC host
is fixed as the master and the monitor is always re-
garded as the slave. Both master and slave can be
operated as a transmitter or receiver, but the mas-
ter device determines which mode is activated. In
this protocol, address pointer is also used.
According to DDC2B specification, A0 (for WRITE
Mode) and A1 (for READ Mode) are assigned as
the default address of monitors.
The reception of the incoming data in WRITE
Mode or the updating of the outgoing data in
READ Mode should be finished within the speci-
fied time limit. If software in the slave’s side cannot
react to the master in time, based on I2C protocol,
SCL pin can be stretched low to inhibit the further
action from the master. The transaction can be
proceeded in either byte or burst format.
Figure 43. Conceptual Structure of the DDC Interface
AI06645
DDC Interrupt
vector address
(
0023H
)
DDC2B/DDC2AB
Utilities
DDC2B
Utilities
DDC1.DDC2B
Utilities
Check Mode flag in DDCCON
Mode = 1 Mode = 1 Mode = 0
I2C
ServiceRoutines
I2C interface
(H/W)
DDC Transmitter
(H/W)
DDC2B/DDC2AB
commandreceived
DDC2B
SWENB =1
SWENB =0
SWENB =1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com