Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP16C552 Datasheet(PDF) 21 Page - IMP, Inc

Part # IMP16C552
Description  Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP16C552 Datasheet(HTML) 21 Page - IMP, Inc

Back Button IMP16C552 Datasheet HTML 17Page - IMP, Inc IMP16C552 Datasheet HTML 18Page - IMP, Inc IMP16C552 Datasheet HTML 19Page - IMP, Inc IMP16C552 Datasheet HTML 20Page - IMP, Inc IMP16C552 Datasheet HTML 21Page - IMP, Inc IMP16C552 Datasheet HTML 22Page - IMP, Inc IMP16C552 Datasheet HTML 23Page - IMP, Inc IMP16C552 Datasheet HTML 24Page - IMP, Inc IMP16C552 Datasheet HTML 25Page - IMP, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
The parallel port supports Centronics type printers. When CS2* is low, the parallel port is selected allowing access to all
parallel port data, control and status registers.
PARALLEL PORT REGISTER ADDRESSES
Cs2*
A1
A0
IOR*
LOW*
Operation
0
0
0
0
0
0
0
0
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
Read Port Data Register
Read Port Status Register
Read Port Control Register
Invalid Operation
Write Port Data Register
Invalid Operation
Write Port Control Register
Invalid Operation
ACCESSIBLE PARALLEL PORT REGISTERS
Bit
No
.
Port
Data
Register
Port
Status
Register
(Read
only)
Port
Control
Registe
r
0
1
2
3
4
5
6
7
Data Bit 0
Data Bit 1
Data Bit 2
Data Bit 3
Data Bit 4
Data Bit 5
Data Bit 6
Data Bit 7
1
1
1
ERRORS*
SLCTS
PES
ACKS*
BUSYS*
STBE
AFDE
INITE*
SLINE
INTE
1
1
1
Register
Description
Port Data Register
This 8-bit data register can be modified by the
CPU to write data to the parallel port.
Bits 0-7:
Data bits
Port Status Register
This register is a read only register reporting
the state of status input pins ERROR*, SLCT,
PE, ACK*, and BUSY.
Bits 0:2:
these bits are always read as 1.
Bits 3:
Reports status of ERROR* pin.
Bits 4:
Reports status of SLCT pin.
Bits 5:
Reports status of PE pin.
Bits 6: Reports status of ACK*.
Bits 7: Reports inverted status of BUSY pin.
Port Control Register
This register controls
output pins STB*,
AFD*, INIT*, SLIN*, INT2, When read, it
reports the status of the control pins.
Bits 0: This bit, when written 1/0, force STB*
pin low/high.
Bits 1: This bit, when written 1/0, force AFD*
pin low/high.
Bits 2: This bit, when written 1/0, force INIT*
pin low/high.
Bits 3: This bit, when written 1/0, force SLIN*
pin low/high.
Bits 4: This bit, when written 1/0, enables /
disables INT2 pin.
Bits 5-7: Always read as 1.
21
408-432-9100/www.impweb.com
© 2002 IMP, Inc.
Parallel Port Description
IMP16C552
IMP16C552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com