Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7201 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7201
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7201 Datasheet(HTML) 1 Page - International Rectifier

  IRF7201 Datasheet HTML 1Page - International Rectifier IRF7201 Datasheet HTML 2Page - International Rectifier IRF7201 Datasheet HTML 3Page - International Rectifier IRF7201 Datasheet HTML 4Page - International Rectifier IRF7201 Datasheet HTML 5Page - International Rectifier IRF7201 Datasheet HTML 6Page - International Rectifier IRF7201 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
30
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
7.3
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
5.8
A
IDM
Pulsed Drain Current

58
PD @TC = 25°C
Power Dissipation
2.5
PD @TC = 70°C
Power Dissipation
1.6
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
VGSM
Gate-to-Source Voltage Single Pulse tp<10µs
30
V
EAS
Single Pulse Avalanche Energy
‚
70
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
HEXFET® Power MOSFET
Fifth Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance
per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that
HEXFET MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device
for use in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
VDSS = 30V
RDS(on) = 0.030Ω
l Generation V Technology
l Ultra Low On-Resistance
l N-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
IRF7201
Description
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
08/15/03
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
…
–––
50
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
SO-8
PD- 91100D


Similar Part No. - IRF7201

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF7201 KERSEMI-IRF7201 Datasheet
644Kb / 7P
Ultra Low On-Resistance
logo
International Rectifier
IRF7201PBF IRF-IRF7201PBF Datasheet
173Kb / 7P
HEXFET짰 Power MOSFET
IRF7201PBF IRF-IRF7201PBF Datasheet
179Kb / 7P
Generation V Technology
IRF7201PBF IRF-IRF7201PBF_15 Datasheet
179Kb / 7P
Generation V Technology
IRF7201TR IRF-IRF7201TR Datasheet
119Kb / 7P
Generation V Technology
More results

Similar Description - IRF7201

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com