Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBD4057 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MBD4057
Description  Zero Bias Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MBD4057 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MBD4057 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MBD4057 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MBD4057 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MBD4057 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MBD4057 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MBD4057 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MBD4057 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MBD4057 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MBD4057 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Planar Back (Tunnel) Diodes
Rev. V2
MBDxx57-x Series
3
3
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Back Diode Parameters
Diode Equivalent Circuit
10 GHz RF Detector Test Circuit
The germanium planar back (tunnel) diode is sensitive to mechanical pressure and high temperatures.
Die attach: Conductive epoxy only with maximum curing temperature of +125°C
Wire Bond: 0.7 mil gold wire and thermo-compression wedge bond within the following:
Stage Temperature: +155°C maximum for 20 seconds max
Tip Temperature: +160°C maximum
Bonding Pressure: 20 grams maximum
Bonding is performed on the larger diameter offset bonding pad (see figure 1) and not over the junction.
Die Assembly



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com